Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM20-R039M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PM20-R039M
Description  1210 Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM20-R039M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PM20-R039M Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Special Features
Molded construction for high reliability
Superior environmental protection
Large terminal surface for strong PCB
bonding
Operating temperature -55 to +125°C
Current to cause 20°C maximum
temperature rise
Tape & reel packaged 2000/reel
Dim: mm
Tol: -/+0.2
Pad Layout
3.0
1.0
2.0
0.5
1.0
0.76
2.2
2.5
3.2
306 E. Alondra Blvd., Gardena, CA 90247-1059 • (310) 515-1720 • FAX (310) 515-1962
www .jwmiller .com
1210 Chip Inductors
PM20 Series
Test
SRF
DCR
Part
L (uH)
Q
Freq.
(MHz)
(
Ω)
I, DC
Number
±20%
Min.
(MHz)
Min.
Max.
(mA)
PM20-R010M
0.010
15
100
2500
0.13
450
PM20-R012M
0.012
17
100
2300
0.14
450
PM20-R015M
0.015
19
100
2100
0.16
450
PM20-R018M
0.018
21
100
1900
0.18
450
PM20-R022M
0.022
23
100
1700
0.20
450
PM20-R027M
0.027
23
100
1500
0.22
450
PM20-R033M
0.033
25
100
1400
0.24
450
PM20-R039M
0.039
25
100
1300
0.27
450
PM20-R047M
0.047
26
100
1200
0.30
450
PM20-R056M
0.056
26
100
1100
0.33
450
PM20-R068M
0.068
27
100
1000
0.36
450
PM20-R082M
0.082
27
100
900
0.40
450
PM20-R10M
0.10
28
100
700
0.44
450
PM20-R12M
0.12
28
25.2
500
0.22
450
PM20-R15M
0.15
28
25.2
450
0.25
450
PM20-R18M
0.18
28
25.2
400
0.28
450
PM20-R22M
0.22
28
25.2
350
0.32
450
PM20-R27M
0.27
28
25.2
320
0.36
450
PM20-R33M
0.33
28
25.2
300
0.40
450
PM20-R39M
0.39
28
25.2
250
0.45
450
PM20-R47M
0.47
28
25.2
220
0.50
450
PM20-R56M
0.56
28
25.2
180
0.55
450
PM20-R68M
0.68
28
25.2
160
0.60
450
PM20-R82M
0.82
28
25.2
140
0.65
450
±10%
PM20-1R0K
1.0
28
7.96
120
0.70
400
PM20-1R2K
1.2
28
7.96
100
0.75
390
PM20-1R5K
1.5
28
7.96
85
0.85
370
PM20-1R8K
1.8
28
7.96
80
0.90
350
PM20-2R2K
2.2
30
7.96
75
1.0
320
PM20-2R7K
2.7
30
7.96
70
1.1
290
PM20-3R3K
3.3
30
7.96
60
1.2
260
PM20-3R9K
3.9
30
7.96
55
1.3
250
PM20-4R7K
4.7
30
7.96
50
1.7
220
PM20-5R6K
5.6
30
7.96
47
1.8
200
PM20-6R8K
6.8
30
7.96
43
2.0
180
PM20-8R2K
8.2
30
7.96
40
2.3
170
PM20-100K
10
30
2.52
36
2.5
150
PM20-120K
12
30
2.52
33
2.8
140
PM20-150K
15
30
2.52
30
3.2
130
PM20-180K
18
30
2.52
27
3.6
120
PM20-220K
22
30
2.52
25
4.0
110
PM20-270K
27
30
2.52
20
5.0
80
PM20-330K
33
30
2.52
17
5.6
70
PM20-390K
39
30
2.52
16
6.4
65
PM20-470K
47
30
2.52
15
7.0
60
PM20-560K
56
30
2.52
13
8.0
55
PM20-680K
68
30
2.52
12
9.0
50
PM20-820K
82
30
2.52
11
10
45
PM20-101K
100
20
0.796
10
10
40
PM20-121K
120
20
0.796
10
11
70
PM20-151K
150
20
0.796
8
15
65
PM20-181K
180
20
0.796
7
17
60
PM20-221K
220
20
0.796
7
21
50
27


Similar Part No. - PM20-R039M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM20-12D12 ETC2-PM20-12D12 Datasheet
213Kb / 3P
An Invensys company
PM20-12D15 ETC2-PM20-12D15 Datasheet
213Kb / 3P
An Invensys company
PM20-12S03 ETC2-PM20-12S03 Datasheet
213Kb / 3P
An Invensys company
PM20-12S05 ETC2-PM20-12S05 Datasheet
213Kb / 3P
An Invensys company
PM20-12S12 ETC2-PM20-12S12 Datasheet
213Kb / 3P
An Invensys company
More results

Similar Description - PM20-R039M

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BCL322522 BITECH-BCL322522 Datasheet
224Kb / 2P
1210 Industry Size Surface Mount Inductors
logo
Murata Manufacturing Co...
GRM32ER72A225K MURATA-GRM32ER72A225K Datasheet
62Kb / 1P
Chip Monolithic Ceramic Capacitor 1210 X7R 2.2uF 100V
logo
RFE international
IW3225R12M RFE-IW3225R12M Datasheet
63Kb / 1P
SURFACE MOUNT INDUCTORS IW3225 Series: 1210 Wirewound
logo
EPCOS
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
SMT inductors SIMID series, SIMID 1210-H
logo
Panasonic Semiconductor
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
TDK Electronics
B82450A1084C000 TDK-B82450A1084C000 Datasheet
113Kb / 6P
SMT inductors Transponder coils, size 1210
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com