Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

224870 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 224870
Description  TMC-S 09-TL-2,7-6,3-BA8
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

224870 Datasheet(HTML) 1 Page - ERNI Electronics

  224870 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36
7 x 36 = 252
Bolzen /
bolt
/ thread
M3
/ #4-40
Gewinde
3,7
Mutter /
nut
/ thread
M3
/ #4-40
Gewinde
Missing information and dimensions according to DIN 41652
Additional indications according to the production documentation
Fehlende Masse und Angaben siehe DIN 41652 /
Sonstige Angaben siehe Fertigungsunterlagen /
ohne / without
prior notice.
contact one of the ERNI companies
Date
12.07.2012
a
Index
TMCS
TMC-S 09-TL-2,7-6,3-type 8
TMC-S 09-TL-2,7-6,3-BA8
224870
2:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
+0,2
-0,4
±0,1
25
31
16,4 -0,2
Anschlussbereich verzinnt
terminal area tin plating
Anforderungsstufe: 2
class: 2
tray packaging
packaging unit 48 pcs
Verpackt in Tray
Verpackungseinheit 48 St.
Pin 1
max. 325
pcb
Leiterplatte
0,6
A
la y o u t:
0,05
A
L a yo u tvo rs ch la g
:
re c o mmen d ed
(9x)
0,05 B
Pin 1
0,05
B
2,74
10,96
4 x 2,74 =
1 ±0,1
2,74
1,37
3 x 2,74 = 8,22
25 ±0,05
M 1:1
Additional indications according to drawing 204628
Ident.-Nr.
thread depth max. 5,5 mm
max. Einschraubtiefe 5,5 mm
thread depth max. 3,7 mm
Sonstige Angaben siehe Zeichnung 204628 /
part-no.
max. Einschraubtiefe 3,7 mm
ohne
without
Mutter
thread
Bolzen
bolt
Bemerkung
remark
244437
X
244441
#4-40
244440
M3
244439
#4-40
244438
M3


Similar Part No. - 224870

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224871 ERNI-224871 Datasheet
72Kb / 1P
TMC-S 15-TL-2,7-6,3-BA8
224872 ERNI-224872 Datasheet
75Kb / 1P
TMC-S 25-TL-2,7-6,3-BA8
224873 ERNI-224873 Datasheet
77Kb / 1P
TMC-S 37-TL-2,7-6,3-BA8
More results

Similar Description - 224870

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
144978 ERNI-144978 Datasheet
68Kb / 1P
TMC-S 09-THR-2,7-6,3-BA8
224871 ERNI-224871 Datasheet
72Kb / 1P
TMC-S 15-TL-2,7-6,3-BA8
224872 ERNI-224872 Datasheet
75Kb / 1P
TMC-S 25-TL-2,7-6,3-BA8
144974 ERNI-144974 Datasheet
69Kb / 1P
TMC-P 09-THR-2,7-6,3-BA8
224866 ERNI-224866 Datasheet
62Kb / 1P
TMC-P 9-TL-2,7-6,3 -BA8
224867 ERNI-224867 Datasheet
63Kb / 1P
TMC-P 15-TL-2,7-6,3 -BA8
224868 ERNI-224868 Datasheet
64Kb / 1P
TMC-P 25-TL-2,7-6,3 -BA8
224869 ERNI-224869 Datasheet
66Kb / 1P
TMC-P 37-TL-2,7-6,3 -BA8
224873 ERNI-224873 Datasheet
77Kb / 1P
TMC-S 37-TL-2,7-6,3-BA8
100100730004 ERNI-100100730004 Datasheet
78Kb / 1P
TMC-P 09-THR-2,7-6,3-BA8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com