Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3377 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3377
Description  GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3377 Datasheet(HTML) 7 Page - RF Micro Devices

  RF3377 Datasheet HTML 1Page - RF Micro Devices RF3377 Datasheet HTML 2Page - RF Micro Devices RF3377 Datasheet HTML 3Page - RF Micro Devices RF3377 Datasheet HTML 4Page - RF Micro Devices RF3377 Datasheet HTML 5Page - RF Micro Devices RF3377 Datasheet HTML 6Page - RF Micro Devices RF3377 Datasheet HTML 7Page - RF Micro Devices RF3377 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
RF3377
Rev A6 DS050524
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Current versus Voltage
(At Pin 3 of the RF3377)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
VPIN (V)
-40°C
25°C
85°C
Reverse Isolation versus Frequency Across
Temperature
(ICC=40mA)
-30.0
-25.0
-20.0
-15.0
-10.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
7000.0
Frequency (MHz)
-40°C
25°C
85°C
Junction Temperature versus Power Dissipated
(TAMBIENT=+85°C)
50.00
70.00
90.00
110.00
130.00
150.00
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
Power Dissipated (
Ω)
Power Dissipated versus Voltage at Pin 8
TAMB=85°C
0.00
0.05
0.10
0.15
0.20
0.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
VPIN (V)
Current versus Voltage
(At Evaluation Board Connector, RBIAS=22Ω)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
3.63.8
4.04.2
4.44.6
4.85.0
5.2
VCC (V)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com