Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38853
Description  3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38853 Datasheet(HTML) 1 Page - Texas Instruments

  LP38853_14 Datasheet HTML 1Page - Texas Instruments LP38853_14 Datasheet HTML 2Page - Texas Instruments LP38853_14 Datasheet HTML 3Page - Texas Instruments LP38853_14 Datasheet HTML 4Page - Texas Instruments LP38853_14 Datasheet HTML 5Page - Texas Instruments LP38853_14 Datasheet HTML 6Page - Texas Instruments LP38853_14 Datasheet HTML 7Page - Texas Instruments LP38853_14 Datasheet HTML 8Page - Texas Instruments LP38853_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LP38853
www.ti.com
SNVS335C – DECEMBER 2006 – REVISED SEPTEMBER 2011
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable
and Soft-Start
Check for Samples: LP38853
1
FEATURES
DESCRIPTION
The LP38853-ADJ is a high current, fast response
2
Adjustable VOUT Range of 0.80V to 1.8V
regulator
which
can
maintain
output
voltage
Wide VBIAS Supply Operating Range of 3.0V to
regulation with extremely low input to output voltage
5.5V
drop. Fabricated on a CMOS process, the device
Stable with 10µF Ceramic Capacitors
operates from two input voltages: VBIAS provides
voltage to drive the gate of the N-MOS power
Dropout Voltage of 240 mV (typical) at 3A Load
transistor, while VIN is the input voltage which
Current
supplies power to the load. The use of an external
Precision VADJ Across All Line and Load
bias rail allows the part to operate from ultra low VIN
Conditions:
voltages.
Unlike
bipolar
regulators,
the
CMOS
architecture
consumes
extremely
low
quiescent
±1.5% VADJ for TJ = 25°C
current at any output load current. The use of an N-
±2.0% VADJ for 0°C ≤ TJ ≤ +125°C
MOS power transistor results in wide bandwidth, yet
±3.0% VADJ for -40°C ≤ TJ ≤ +125°C
minimum external capacitance is required to maintain
Over-Temperature and Over-Current
loop stability.
Protection
The fast transient response of this device makes it
Available in 8 Lead SO PowerPAD, 7 Lead TO-
suitable for use in powering DSP, Microcontroller
220 and 7 Lead DDPAK Packages
Core voltages and Switch Mode Power Supply post
regulators. The part is available in SO PowerPAD
−40°C to +125°C Operating Junction
8–pin, TO-220 7–pin, and DDPAK 7-pin packages.
Temperature Range
Dropout Voltage: 240 mV (typical) at 3A load
APPLICATIONS
current.
ASIC Power Supplies in:
Low Ground Pin Current: 10 mA (typical) at 3A load
current.
Desktops, Notebooks, and Graphics Cards,
Servers
Soft-Start: Programmable Soft-Start time.
Gaming Set Top Boxes, Printers and
Precision ADJ Voltage: ±1.5% for TJ = 25°C, and
Copiers
±2.0% for 0°C
≤ TJ ≤ +125°C, across all line and load
Server Core and I/O Supplies
conditions
DSP and FPGA Power Supplies
SMPS Post-Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP38853_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results

Similar Description - LP38853_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38859 NSC-LP38859 Datasheet
851Kb / 14P
3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38851 NSC-LP38851 Datasheet
441Kb / 18P
800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38853 TI-LP38853 Datasheet
1Mb / 28P
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38851S-ADJ TI-LP38851S-ADJ Datasheet
1Mb / 29P
LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38851S-ADJ TI1-LP38851S-ADJ Datasheet
1Mb / 29P
LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38859 TI1-LP38859_14 Datasheet
2Mb / 21P
3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38859 TI-LP38859_15 Datasheet
2Mb / 25P
3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com