Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWFA Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # SWFA
Description  Single Window Fixed In-line Attenuators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFA Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  SWFA Datasheet HTML 1Page - OPLINK Communications Inc. SWFA Datasheet HTML 2Page - OPLINK Communications Inc. SWFA Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Oplink Communications, Inc
Insertion Loss Tables
Insertion Loss (IL) I : C or L band coupler
Insertion Loss (IL) II : 1310nm, S2 or C+L band coupler
Attenuation
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
20dB
19.00-21.00
≤0.45
≤0.12
18dB
17.50-19.00
≤0.45
≤0.15
17dB
15.50-17.50
≤0.40
≤0.15
15dB
13.50-15.50
≤0.30
≤0.15
13dB
11.50-13.50
≤0.25
≤0.10
11dB
10.50-11.50
≤0.25
≤0.10
10dB
9.50-10.50
≤0.25
≤0.10
9dB
8.50-9.50
≤0.25
≤0.10
8dB
7.50-8.50
≤0.25
≤0.10
7dB
6.50-7.50
≤0.20
≤0.10
6dB
5.50-6.50
≤0.20
≤0.10
5dB
4.60-5.50
≤0.20
≤0.10
4dB
3.70-4.30
≤0.20
≤0.10
3dB
2.70-3.30
≤0.20
≤0.10
2dB
1.70-2.30
≤0.15
≤0.10
1dB
0.85-1.15
≤0.15
≤0.10
Attenuation
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
20dB
18.50-21.50
≤0.90
≤0.20
18dB
17.50-18.80
≤0.80
≤0.15
17dB
16.00-17.50
≤0.70
≤0.15
15dB
13.80-16.00
≤0.60
≤0.15
13dB
12.00-13.80
≤0.50
≤0.10
11dB
10.50-12.00
≤0.50
≤0.10
10dB
9.90-10.50
≤0.50
≤0.10
9dB
8.70-9.90
≤0.50
≤0.10
8dB
7.60-8.70
≤0.50
≤0.10
7dB
6.50-7.60
≤0.45
≤0.10
6dB
5.40-6.50
≤0.45
≤0.10
5dB
4.40-5.40
≤0.40
≤0.10
4dB
3.40-4.40
≤0.35
≤0.10
3dB
2.60-3.40
≤0.35
≤0.10
2dB
1.70-2.30
≤0.25
≤0.10
1dB
0.80-1.20
≤0.20
≤0.10
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the specified wavelength range.
3. Insertion loss change over all the input polarization states.
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL). For S-band product, add 0.1dB due to water absorption peak of fiber.
2. Insertion loss change over the specified wavelength range. For S-band product, add 0.1dB in WDL due to water absorption peak of fiber.
3. Insertion loss change over all the input polarization states.
Single Window Fixed In-line Attenuators
(1310, S, C, L and C+L Band)
SWFA Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com