Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3776APF Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB3776APF
Description  Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3776APF Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB3776APF Datasheet HTML 1Page - fujitsu semiconductor MB3776APF Datasheet HTML 2Page - fujitsu semiconductor MB3776APF Datasheet HTML 3Page - fujitsu semiconductor MB3776APF Datasheet HTML 4Page - fujitsu semiconductor MB3776APF Datasheet HTML 5Page - fujitsu semiconductor MB3776APF Datasheet HTML 6Page - fujitsu semiconductor MB3776APF Datasheet HTML 7Page - fujitsu semiconductor MB3776APF Datasheet HTML 8Page - fujitsu semiconductor MB3776APF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MB3776A
4
s
s
s
s ABSOLUTE MAXIMUM RATINGS
(Ta = +25
°C)
*: The packages are mounted on the epoxy board (10 cm
× 10 cm × 1.5 mm)
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s
s
s
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Condition
Rating
Unit
Min
Max
Power supply voltage
VCC
——
16
V
Error amp. input voltage
VI
—
–0.3
+10
V
Output source current
ISOURCE
——
–50
mA
Output sink current
ISINK
——
50
mA
Power dissipation
PD
Ta
≤ +25°C (DIP)
—
550
mW
Ta
≤ +25°C (SOP)
EIAJ
—
*570
mW
JEDEC
—
*430
mW
Ta
< +25°C (SSOP)
—
*580
mW
Operating temperature
Top
—
–30
+75
°C
Storage temperature
Tstg
—
–55
+125
°C
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage
VCC
2.0
—
15
V
Error amp. input voltage
VI
–0.2
—
1.0
V
Output source current
ISOURCE
–40
—
—
mA
Output sink current
ISINK
——
40
mA
Phase compensation capacitor
CP
—0.1
—
µF
Timing capacitor
CT
100
1000
10000
pF
Timing resistor
RT
1.0
3.0
5.0
k
Ω
Oscillator frequency
fOSC
10
200
500
kHz
Operating temperature
TOP
–30
25
75
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com