Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMT2-460-5-R Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # HMT2-460-5-R
Description  NBFM Multi-channel 500mW UHF Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

HMT2-460-5-R Datasheet(HTML) 4 Page - Radiometrix Ltd

  HMT2-460-5-R Datasheet HTML 1Page - Radiometrix Ltd HMT2-460-5-R Datasheet HTML 2Page - Radiometrix Ltd HMT2-460-5-R Datasheet HTML 3Page - Radiometrix Ltd HMT2-460-5-R Datasheet HTML 4Page - Radiometrix Ltd HMT2-460-5-R Datasheet HTML 5Page - Radiometrix Ltd HMT2-460-5-R Datasheet HTML 6Page - Radiometrix Ltd HMT2-460-5-R Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Radiometrix Ltd
HMT2 Data Sheet
page 4
Serial interface commands
The internal firmware for HMT2 has two versions.
Version 1 is IDENTICAL to our standard LMT2-458-5 (100mW) in all respects
Version 2 is specific to paging applications.
Version 1: programming instruction
2400 baud RS232. 8 bit data, no parity, 1 start bit, 1 or 2 stop bits.
Serial data is sent to the unit on one of the parallel channel select pins (P0). It is very important that the unit
does not 'decode' switch bounce in ordinary operation as a command string, or spurious re-writing of the
e2prom will result. For this reason the user must send the 16 character string ENABLESERIALMODE
(followed by a carriage return) to fully enable the serial command mode before sending any of the command
strings listed below. Command mode is disabled on power down, or on reception of a # character. To
successfully program the unit, n_txe must be 'low' (active) to enable the unit.
GOCHAN aa
Serially select channel aa, where aa is ch0 to ch31
LOAD aa
nnnnn
Set value of N register for channel aa, where aa is Channels 0 to 31
SETPAR
Channel selected by 4 bit parallel inputs (ch0 to ch15 only)
SETSER
Channel selected by most recent GOCHAN operation
RVALUE rrrr
Set value for R register
SINGLE nnnnn
Set value of N for single channel operation.
N value NOT stored in EEPROM
<cr>
Process entry
/
Clear all buffers
#
Disable command mode
aa = a two digit channel number from 00 to 31
nnnnn = synthesizer N register value (up to 65535)
rrrr = synthesizer R register value (up to 16383)
18341
kHz
25
MHz
525
.
458
f
f
N
cing
Channelspa
RF
=
=
=
kHz
MHz
f
f
R
cing
channelspa
TCXO
25
13
=
=
, So R=520
Note:
A pause of at least 50ms must be allowed between command strings (EEPROM programming time).
SINGLE mode does not store the N value in EEPROM. Therefore the unit is inoperative after a
power down until either another valid SINGLE command is received, or mode is changed by a
GOCHAN, SETPAR or SETSER command. SINGLE mode is intended for frequency agile
applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com