Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWIV-2FBW Datasheet(PDF) 1 Page - Ralston Instruments.

Part # SWIV-2FBW
Description  Use to mount gauges on Ralston Instruments model APGV, HPGV, XHGV hand pumps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

SWIV-2FBW Datasheet(HTML) 1 Page - Ralston Instruments.

  SWIV-2FBW Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SWIV-2FBW
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
SWIV-2FBW
1/4" Female NPT swivel, brass
Use to mount gauges on Ralston Instruments
model APGV, HPGV, XHGV hand pumps
Features
• Swivels allow the user to easily switch gauges on a single
hand pump
• Made in USA
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
End C1
1/4" Female NPT
End C2
Gauge Swivel
Has Check Valve
No
Temperature range
0 to 225 °F (-18 to 107 °C)
Construction
Brass
Seal materials
Buna-N
Dimensions A
1.89 in (4.80 cm)
Dimensions B
0.75 in (1.91 cm)


Similar Part No. - SWIV-2FBW

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
SWIV-4GBW RALSTON-SWIV-4GBW Datasheet
306Kb / 1P
Use to mount gauges on Ralston Instruments model APGV, HPGV, XHGV hand pumps
SWIV-QTBW RALSTON-SWIV-QTBW Datasheet
297Kb / 1P
Use to mount gauges on Ralston Instruments model APGV, HPGV, XHGV hand pumps
More results

Similar Description - SWIV-2FBW

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
DP0V RALSTON-DP0V Datasheet
371Kb / 1P
Pneumatic Hand Pumps
QTHP-0014 RALSTON-QTHP-0014 Datasheet
289Kb / 1P
HPGV, XHGV fine adjust vernier piston assembly, brass
QTFT-3SB0 RALSTON-QTFT-3SB0 Datasheet
339Kb / 1P
Outlet ports used on hand pumps, nitrogen sources, volume controllers
QTHA-3SSA-LD RALSTON-QTHA-3SSA-LD Datasheet
206Kb / 1P
Outlet ports used on hand pumps, nitrogen sources, volume controllers
SWIV-4GBW RALSTON-SWIV-4GBW Datasheet
306Kb / 1P
Use to mount gauges on Ralston Instruments model APGV, HPGV, XHGV hand pumps
SWIV-QTBW RALSTON-SWIV-QTBW Datasheet
297Kb / 1P
Use to mount gauges on Ralston Instruments model APGV, HPGV, XHGV hand pumps
QTHP-0026 RALSTON-QTHP-0026 Datasheet
301Kb / 1P
HPGV, XHGV bleed valve assembly (black round knob)
QTHP-CASE RALSTON-QTHP-CASE Datasheet
355Kb / 1P
HPGV, XHGV, HP0V, XH0V pump carrying case holds (1) pump, (2) gauges, ABS plastic
QTHP-REPK RALSTON-QTHP-REPK Datasheet
319Kb / 1P
HPGV, XHGV, HP0V, XH0V pump repair kit
QTHA-MFB0-1620 RALSTON-QTHA-MFB0-1620_19 Datasheet
736Kb / 1P
Connect 16 x 2.0mm adapters to Ralston Instruments hoses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com