Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTFT-CAPS Datasheet(PDF) 1 Page - Ralston Instruments.

Part # XTFT-CAPS
Description  Turn any Quick-test XT adapter into a permanent installation with the addition of a cap and chain
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

XTFT-CAPS Datasheet(HTML) 1 Page - Ralston Instruments.

  XTFT-CAPS Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XTFT-CAPS
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
XTFT-CAPS
Cap and chain, S.S. (for any male Quick-test XT adapter)
Turn any Quick-test XT adapter into a
permanent installation with the addition of a
cap and chain
Features
• Seals any male Quick-test XT adapter
• Install on any Quick-test XT adapter for permanent
installation in the field
• Note that these are not compatible with QT or QS hoses.
Please use only on Quick-test XT adapters
• Made in USA
Specifications
Pressure Range
0 to 10000 psi (0 to 689 bar)
End C1
Female Quick-test XT with Cap and Chain
Has Check Valve
No
Temperature range
0 to 225 °F (-18 to 107 °C)
Construction
Stainless Steel
Dimensions A
0.95 in (2.41 cm)
Dimensions B
0.75 in (1.91 cm)


Similar Part No. - XTFT-CAPS

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
XTFT-1MS0 RALSTON-XTFT-1MS0 Datasheet
337Kb / 1P
1/8 Male NPT Male Quick-test XT with Cap and Chain
XTFT-1MS0 RALSTON-XTFT-1MS0 Datasheet
512Kb / 1P
Stainless Steel
XTFT-1MS0 RALSTON-XTFT-1MS0_19 Datasheet
512Kb / 1P
Stainless Steel
XTFT-2MS0 RALSTON-XTFT-2MS0 Datasheet
337Kb / 1P
1/4 male NPT x male Quick-test XT, no check-valve, with cap and chain, S.S.
XTFT-2MS0 RALSTON-XTFT-2MS0 Datasheet
499Kb / 1P
Stainless Steel
More results

Similar Description - XTFT-CAPS

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
XTFT-1MS0 RALSTON-XTFT-1MS0 Datasheet
337Kb / 1P
1/8 Male NPT Male Quick-test XT with Cap and Chain
XTFT-2MS0 RALSTON-XTFT-2MS0 Datasheet
337Kb / 1P
1/4 male NPT x male Quick-test XT, no check-valve, with cap and chain, S.S.
QTFT-CAPB RALSTON-QTFT-CAPB Datasheet
595Kb / 1P
Cap and chain for any male Quick-test adapter with a cap and chain
QTFT-CAPS RALSTON-QTFT-CAPS Datasheet
525Kb / 1P
Cap and chain for any male Quick-test adapter with a cap and chain
XTFT-HHSB RALSTON-XTFT-HHSB Datasheet
308Kb / 1P
Male Quick-test XT x male Quick-test XT bulkhead, with cap and chain, S.S.
NPAK-0002 RALSTON-NPAK-0002 Datasheet
315Kb / 1P
NPAK Fill port assembly, male Quick-test with cap and chain
QTFT-3SS0-VT RALSTON-QTFT-3SS0-VT Datasheet
311Kb / 1P
Male Quick-test x pump with cap and chain, stainless steel,Viton Seals
XTHA-2MS0-XH RALSTON-XTHA-2MS0-XH_19 Datasheet
249Kb / 1P
Connect any Quick-test XT hose to any HIP
XTHA-HSTS RALSTON-XTHA-HSTS_19 Datasheet
213Kb / 1P
Male Quick-test XT x male Quick-test XT x male Quick-test XT hose tee, S.S
XTFT-HHSB RALSTON-XTFT-HHSB_19 Datasheet
490Kb / 1P
Male Quick-test XT x male Quick-test XT bulkhead
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com