Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-587LF Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # COM-587LF
Description  COM Express Intel짰 Atom??N270 CPU Module / Fanless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

COM-587LF Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  COM-587LF Datasheet HTML 1Page - Protech Systems Co., Ltd. COM-587LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COM Express Intel® Atom™ N270 CPU Module / Fanless
COM-587LF
COM-587LF
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2011.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2011.
Specifications
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
COM-587LF
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
COM-587LF
0°~60°C (32°~140°F) (Fanless solution)
-40°~85°C (-40°~185°F)
Operation humidity 20~90%,
Storage humidity 20~95%
PICMG COM.0 TypeII
2 x S-ATA II
Single IDE channel with UDMA100
3 x PCI-E (1X)
4 x PCI Bus
Single Ports, Realtek 8111D GbE
8 x USB 2.0
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Power Supply
Power Requirement
Dimension
Certificate
I/O Chipset
Pin out
SATA Interface
IDE Interface
Expansion BUS
LAN
USB
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Power Supply
Power Requirement
Dimension
Certificate
I/O Chipset
Pin out
SATA Interface
IDE Interface
Expansion BUS
LAN
USB
Intel® Atom
TM N270 (1.6GHz) CPU on board
1.6GHz
Intel® 945GSE + ICH7M+ SPI (FSB:533 MHz)
1 x 200-Pin DDR2 SO-DIMM, support DDR2
400 / 533 up to 2GB
Phoenix-Award PnP BIOS Memory size 8 Mbit
Support ATX Power
+12V, +5V
95mm x 125mm (3.74"X 4.92")
CE, FCC
Build-in 945GSE
Supports CRT, SDVO
Supports ADD2 card
LVDS (18/36 bit) support UXGA (1600 x 1200)
COM Express basic CPU module w/Intel® Atom
TM N270
CPU / VGA / LVDS / LAN (GbE)
Intel
Atom
N270
Intel
945GSE
ICH7M
LAN
1
2
39
40
41
42
199
200
DIM1
SPI
ROM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com