Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-581LF Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # EB-581LF
Description  Intel Atom??Z510/ Z530 3.5" Embedded Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

EB-581LF Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  EB-581LF Datasheet HTML 1Page - Protech Systems Co., Ltd. EB-581LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intel® Atom™ Z510 / Z530
Z510 (1.1GHz) / Z530 (1.6GHz)
Intel® SCH US15W (FSB : 400/533MHz)
1 x 200-Pin DDR2 SO-DIMM, supports DDR2
533 up to 2GB
Award PnP BIOS with VGA BIOS
1~255 sec Watchdog timer selectable w/Reset/NMI
+12V
+12V : 1.25A (Z530), 1.1A (Z510)
102 mm x 145 mm (4.02" x 5.71")
FCC / CE
Intel® Atom™ Z510/ Z530 3.5" Embedded Board w/
SCH US15W / Audio / 2LAN
EB-581LF
EB-581LF
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Oct. 2010.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Oct. 2010.
Specifications
System
CPU Support
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Consumption
Dimension
Certificate
I/O Chipset
SATA Interface
IDE Interface
SSD
Expansion BUS
Serial Port
Parallel Port
Keyboard
Mouse
LAN
System
CPU Support
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Consumption
Dimension
Certificate
I/O Chipset
SATA Interface
IDE Interface
SSD
Expansion BUS
Serial Port
Parallel Port
Keyboard
Mouse
LAN
High Definition Audio,Realtek ALC888
Line-in, Line-out, Mic , With pinheader on board
8 x USB 2.0
2 ports on Rear Panel, 6 ports with pin-header on board
4in / 4out
0°~60°C (32°~140°F)
-40°~85°C (-40°~185°F)
Operation humidity 20~90%,
Storage humidity 20~95%
Built-in SCH US15W, share system memory
Support LVDS , SDVO (pin-header on board to
support VGA)
24 bits-Single channels LVDS
3.5" Board with Intel® Atom™ Z530 (1.6GHz) / Audio /
2 x LAN (GbE) / LVDS / PCI-104
3.5" Board with Intel® Atom™ Z510 (1.1GHz) / Audio /
2 x LAN (GbE) / LVDS / PCI-104
3.5" Board with Intel® Atom™ Z530 (1.6GHz) / Audio /
1 x LAN (GbE) / LVDS
3.5" Board with Intel® Atom™ Z510 (1.1GHz) / Audio /
1 x LAN (GbE) / LVDS
Audio
USB
DI/O
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
EB-581LF-C1600
EB-581LF-C1100
EB-581LF-C1601
EB-581LF-C1101
Audio
USB
DI/O
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
EB-581LF-C1600
EB-581LF-C1100
EB-581LF-C1601
EB-581LF-C1101
1 x S-ATA connector, via PCIE switch
(PLX PEX8505) to support SATA
(Silicon Image SII3132)
1 x IDE connector with 44-pin Pinheader on board
1 x compact flash slot
1 x PCI-104
4 ports
COM 1/3/4 for RS232, COM 2 for RS232/422/485
COM 1: D-SUB 9-pin on board
COM 2/3/4:pin-header on board
1 x parallel port (SPP / EPP / ECP)
Mini DIN connector or external connector
Mini DIN connector (selectable w/KB) or Y-Cable
2 x Lan Port, Lan 1/2:Intel® 82574L 1000BaseT
Ethernet; Supports Wake-on-LAN with ATX Power
BIOS
USB1
J26
LAN2
LAN1
J30
JP1
JP6
JP2
JP5
J20
BZ1
J32
J19
J9
J27
J8
J7
J23
COM1
J2
J3
J4
JP7
J10
PC104P1
J12
J6
J14
J25
J18
J22
J16
J15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com