Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3370 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3370 Datasheet HTML 17Page - Texas Instruments LM3370 Datasheet HTML 18Page - Texas Instruments LM3370 Datasheet HTML 19Page - Texas Instruments LM3370 Datasheet HTML 20Page - Texas Instruments LM3370 Datasheet HTML 21Page - Texas Instruments LM3370 Datasheet HTML 22Page - Texas Instruments LM3370 Datasheet HTML 23Page - Texas Instruments LM3370 Datasheet HTML 24Page - Texas Instruments LM3370 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
VPP-C =
f*8*C
IPP
IRMS = IOUTMAX
The worst case IRMS is:
IRMS =
VOUT
VIN
1 -
VOUT
VIN
¸¸
¹
·
¨¨
©
§
IOUTMAX
2
(duty cycle = 50%)
*
*
L >= (
1
f
)
VIN - VOUT
) * (
) * (
IPP
VOUT
VIN
LM3370
www.ti.com
SNVS406M – NOVEMBER 2005 – REVISED AUGUST 2011
(7)
A 2.2 µH inductor with a saturation current rating of at least 1400 mA is recommended for most applications. The
inductor’s resistance should be less than around 0.2
Ω for good efficiency. Table 5 lists suggested inductors and
suppliers.
For low-cost applications, an unshielded bobbin inductor is suggested. For noise critical applications, a toroidal or
shielded-bobbin inductor should be used. A good practice is to lay out the board with overlapping footprints of
both types for design flexibility. This allows substitution of a low-noise toroidal inductor, in the event that noise
from low-cost bobbin models is unacceptable.
Below are some suggested inductor manufacturers include but are not limited to:
Table 5. Suggested Inductors and Suppliers
Model
Vendor
Dimensions (mm)
ISAT
DO3314-222
Coilcraft
3.3 x 3.3 x 1.4
1.6A
LPO3310-222
3.3 x 3.3 x 1.0
1.1A
SD3114-2R2
Cooper
3.1 x 3.1 x 1.4
1.48A
NR3010T2R2M
Taiyo Yuden
3.0 x 3.0 x 1.0
1.1A
NR3015T2R2M
3.0 x 3.0 x 1.5
1.48A
VLF3010AT- 2R2M1R0
TDK
2.6 x 2.8 x 1.0
1.0A
INPUT CAPACITOR SELECTION
A ceramic input capacitor of 4.7
μF, 6.3V is sufficient for most applications. A larger value may be used for
improved input voltage filtering. The input filter capacitor supplies current to the PFET switch of the LM3370 in
the first half of each cycle and reduces voltage ripple imposed on the input power source. A ceramic capacitor's
low ESR provides the best noise filtering of the input voltage spikes due to this rapidly changing current. Select
an input filter capacitor with a surge current rating sufficient for the power-up surge from the input power source.
The power-up surge current is approximately the capacitor’s value (µF) times the voltage rise rate (V/µs).
The input current ripple can be calculated as:
(8)
OUTPUT CAPACITOR SELECTION
DC bias characteristics of ceramic capacitors must be considered when selecting case sizes like 0805 and 0603.
DC bias characteristics vary from manufacturer to manufacturer and dc bias curves should be requested from
them as part of the capacitor selection process.
The output filter capacitor smooths out current flow from the inductor to the load, helps maintain a steady output
voltage during transient load changes and reduces output voltage ripple. These capacitors must be selected with
sufficient capacitance and sufficiently low ESR to perform these functions. The output ripple voltage can be
calculated as:
Voltage peak-to-peak ripple due to capacitance =
(9)
Voltage peak-to-peak ripple due to ESR = VPP-ESR = IPP*RESR
Voltage peak-to-peak ripple, root mean squared =
Copyright © 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com