Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS03VB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SIS03VB
Description  3A, 7A and 12A switching regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SIS03VB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SIS03VB Datasheet HTML 1Page - List of Unclassifed Manufacturers SIS03VB Datasheet HTML 2Page - List of Unclassifed Manufacturers SIS03VB Datasheet HTML 3Page - List of Unclassifed Manufacturers SIS03VB Datasheet HTML 4Page - List of Unclassifed Manufacturers SIS03VB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power-One SIS series - Amplicon
Dynamic regulation:
50-25-50 Iout load change Peak deviation: ±50mV pk-pk Settling time: 30µs
nominal
Admissible load capacitance:
1000µF: 3A versions 2000µF: 7A and 12A versions
Output current limit:
115 to 150% of Iout
Switching frequency:
300kHz nominal, V series 200kHz nominal, X series
Temperature coefficient:
0.01%/°C
Trim range:
90 to 110% Vout
External capacitor required:
4.7µF, 3A versions 100µF, 7A versions 220µF, 12A versions
On/Off control voltage:
5.5Vdc referenced to ground
ENVIRONMENTAL AND MECHANICAL
Operating temperature range:
-40* to +55°C
* A ceramic input capacitor for operation down to -40°C of the following value is
needed 4.7µF: 3A versions 100µF: 7A versions 220µF: 12A versions
Storage temperature range:
-40 to +125°C
Shock 3-axis:
50g minimum, half-sine wave
Sinusoidal vibration:
1, GR-63-Core, section 5.A.2
MTBF:
5.4 million hours, per Bell core TR-NWT-000332
Size:
63.5 x 14.0 x 10.4mm vertical mounting 63.5 x 15.0 x 14.0mm horizontal
mounting
Connections:
Pin outs
All models
1
2
3
4
5
6
Vout +ve
Vout +ve
+sense
Vout +ve
common
common
7
8
9
10
11
Vin +ve
Vin +ve
Vin +ve
trim
on/off
3A product selector
Type
Input
Output
%
Product Code
Price
SIS03VE
4.5-5.5Vdc
3.3Vdc @ 3A
93
96037880
£16.26
SIS03VD
4.5-5.5Vdc
2.5Vdc @ 3A
91
96037881
£16.26
SIS03V2.1
4.5-5.5Vdc
2.1Vdc @ 3A
90
96037882
£16.26
SIS03VB
4.5-5.5Vdc
1.8Vdc @ 3A
88
96037883
£16.26
SIS03VA
4.5-5.5Vdc
1.5Vdc @ 3A
86
96037884
£16.26
http://www.amplicon.co.uk/data/sisseries.html (2 of 5)24/03/2005 03:32:42 ã



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com