Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA0010 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0010
Description  THREE PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0010 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0010 Datasheet HTML 1Page - Solid States Devices, Inc RA0010 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
FEATURES:
SDA295
5 AMPS
50 - 1000 VOLTS
STANDARD RECOVERY
THREE PHASE BRIDGE
SDA295A
thru
SDA295G
• PIV 50 to 1000 Volts
• Average Output 5A.
• Reverse Recovery 5 :sec Max
• Subminiature Design for Mounting Versatility
• Hermetically Sealed Rectifier Cells
• Maximum Thermal Resistance 5.0oC/W
• -55 to +150oC Operating and Storage Temperature
• Fast and Ultra Fast Assemblies Available
• TX and TXV Level Screening Available
1.30
ELECTRICAL CHARACHTERISTICS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RA0010A
Part
Number
Symbol
Units
Conditions
SDA295A
SDA295B
SDA295C
SDA295D
SDA295E
Peak
Inverse Voltage
(per Leg)
Average
Rectified
Current
Maximum
Surge Current
(1 Cycle)
Maximum
Forward Voltage
(per Leg)
PIV
IO
IFSM
VF
Volts
Amps
Amps
Volts
55oC25oCIF= 5A, TA= 25oC
570
50
570
100
5
70
1.20
200
5
70
1.20
400
5
70
1.20
600
NOTES:
1. Maximum forward voltage measured with instantaneous forward pulse of 300:sec minimum.
2. Unless otherwise specified: TA = 25oC.
Maximum
Reverse Current
(@ PIV)
IR
:A
25oC
100oC
2.0
150
2.0
150
2.0
150
2.0
150
2.0
150
1.20
1.20
25oC
SDA295F
5
70
1.20
800
2.0
150
SDA295G
5
70
1.20
1000
2.0
150
100 oC
2.6
2.6
2.6
2.6
2.6
2.6
2.6


Similar Part No. - RA0010

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0010 SSDI-RA0010_15 Datasheet
54Kb / 2P
STANDARD RECOVERY THREE PHASE BRIDGE
More results

Similar Description - RA0010

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MT IRF-26MT Datasheet
75Kb / 6P
THREE PHASE BRIDGE
130MT IRF-130MT Datasheet
94Kb / 7P
THREE PHASE BRIDGE
200MT40KB IRF-200MT40KB Datasheet
75Kb / 6P
THREE PHASE BRIDGE
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
THREE PHASE BRIDGE
60MT80KB IRF-60MT80KB Datasheet
95Kb / 7P
THREE PHASE BRIDGE
MTP3-PHASE IRF-MTP3-PHASE Datasheet
129Kb / 8P
THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-36MT160 VISHAY-VS-36MT160_15 Datasheet
173Kb / 8P
Three Phase Bridge
09-Apr-15
VS-70MT80KPBF VISHAY-VS-70MT80KPBF Datasheet
189Kb / 7P
Three Phase Bridge
27-Feb-14
VS-100MT160PBPBF VISHAY-VS-100MT160PBPBF Datasheet
130Kb / 8P
Three Phase Bridge
16-Jul-14
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
Three Phase Bridge
03-Mar-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com