Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV2003S2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DV2003S2
Description  Fast Charge Development System Control of On-Board N-FET Switch-Mode Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DV2003S2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DV2003S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers DV2003S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers DV2003S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers DV2003S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers DV2003S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers DV2003S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
➤
bq2003 fast charge control evaluation and bq2003
fast-charge control evaluation and development
➤
Charge current sourced from an on-board
switch-mode regulator (up to 6.0 A)
➤
Fast charge of 2 to 16 NiCd or NiMH cells
➤
Fast-charge termination by delta temperature/delta
time (
∆T/∆t), negative delta voltage (-∆V), maximum
temperature, maximum time, and maximum voltage
➤
-
∆V enable, hold-off, top-off, maximum time, and
number of cells are jumper-configurable
➤
Charging status displayed on charge and
temperature LEDs
➤
Discharge-before-charge control with push-button
switch
➤
Inhibit fast charge by external logic-level input
General Description
The DV2003S2 Development System provides a develop-
ment environment for the bq2003 Fast-Charge IC. The
DV2003S2 incorporates a bq2003 and an N-FET buck-
type switch-mode regulator to provide fast charge control
for 2 to 16 NiCd or NiMH cells. The primary difference
between the DV2003S2 and the DV2003S1 is in the
switching FET Q1. The DV2003S1 uses a P-FET for bat-
tery charge currents of 3.0A or less, whereas the
DV2003S2 uses an n-FET to support charge currents up
to 6.0A.
Review the bq2003 data sheet and the application note,
“Using the bq2003 to Control Fast Charge,” before using
the DV2003S2 board. Also review the application note,
“Step-Down Switching Current Regulation Using the
bq2003,” for information concerning trade-offs between
using P-FET and N-FET transistors for Q1.
The fast charge is terminated by any of the following:
∆T/
∆t, -∆V, maximum temperature, maximum time, maxi-
mum voltage, or an external inhibit command. Jumper
settings select the -
∆V enabled state, and the hold-off,
top-off, and maximum time limits.
The user provides a power supply and batteries. The user
configures the DV2003S2 for the number of cells, -
∆V
charge termination, and maximum charge time (with or
without top-off), and commands the discharge-before-
charge option with the push-button switch S1.
Connection Descriptions
JP6
DC+
DC input from charger supply
THERM
Thermistor connection
DSCHG
Low side of discharge load
BAT+
Positive battery terminal and high side
of discharge load
BAT–
Negative battery terminal and
thermistor connection
GND
Ground from charger supply
JP5
+V
Voltage source for inhibit input
IN
Inhibit input to prevent bq2003 activity
JP1 DVEN
Negative voltage termination enable
1
DV2003S2
Fast Charge Development System
Control of On-Board N-FET
Switch-Mode Regulator
10/97
Rev. B Board


Similar Part No. - DV2003S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DV2003S1 ETC2-DV2003S1 Datasheet
862Kb / 6P
Fast Charge Development System Control of On-Board P-FET Switch-Mode Regulator
DV2003S1 ETC2-DV2003S1_14 Datasheet
862Kb / 6P
Fast Charge Development System Control of On-Board P-FET Switch-Mode Regulator
More results

Similar Description - DV2003S2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DV2057 TI-DV2057 Datasheet
325Kb / 5P
Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
DV2004S1 TI1-DV2004S1_14 Datasheet
2Mb / 7P
Fast-Charge Development System
DV2057 TI1-DV2057_14 Datasheet
328Kb / 6P
Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
logo
List of Unclassifed Man...
DV2002L2 ETC2-DV2002L2_14 Datasheet
130Kb / 5P
Fast Charge Development System Control of LM317 Linear Regulator
DV2954S1H ETC2-DV2954S1H_14 Datasheet
1Mb / 5P
Li-Ion Charger Development System Control of On-Board PNP Switch-Mode Regulator with High-Side Current Sensing
DV2054S2 ETC2-DV2054S2_14 Datasheet
892Kb / 5P
Li-Ion Charger Development System Control of On-Board PNP Switch-Mode Regulator
DV2004L1 ETC2-DV2004L1_14 Datasheet
977Kb / 6P
Fast Charge Development System Control of PNP Power Transistor
DV2003S1 ETC2-DV2003S1_14 Datasheet
862Kb / 6P
Fast Charge Development System Control of On-Board P-FET Switch-Mode Regulator
DV2003L1 ETC2-DV2003L1_14 Datasheet
1Mb / 6P
Fast Charge Development System Control of On-Board Linear Current Regulator or External Current Source
logo
Maxim Integrated Produc...
MAX98357DEVWLP MAXIM-MAX98357DEVWLP Datasheet
589Kb / 9P
MAX98357 Development Board/ Evaluation System (WLP)
19-6833; Rev 2; 9/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com