Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5522 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP5522
Description  Programmable LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5522 Datasheet(HTML) 2 Page - Texas Instruments

  LP5522 Datasheet HTML 1Page - Texas Instruments LP5522 Datasheet HTML 2Page - Texas Instruments LP5522 Datasheet HTML 3Page - Texas Instruments LP5522 Datasheet HTML 4Page - Texas Instruments LP5522 Datasheet HTML 5Page - Texas Instruments LP5522 Datasheet HTML 6Page - Texas Instruments LP5522 Datasheet HTML 7Page - Texas Instruments LP5522 Datasheet HTML 8Page - Texas Instruments LP5522 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
X
6
V
X = 1 Digit Date Code
V = Die Traceability
6 = Product Identification
= Pin A1
LED
GND
GNDT
CTRL
VDD
ISET
A
B
C
2
1
LED
GND
GNDT
CTRL
VDD
ISET
A
B
C
2
1
LP5522
SNVS488 – JUNE 2007
www.ti.com
Connection Diagrams and Package Mark Information
Connection Diagram
Figure 1. Micro SMD-6 package, 0.815 x 1.215 x 0.60 mm body size, 0.4 mm pitch
Figure 2. Top View
Figure 3. Micro SMD-6 package, 0.815 x 1.215 x 0.60 mm body size, 0.4 mm pitch
Figure 4. Bottom View
PACKAGE MARK
PIN DESCRIPTIONS
Pin
Name
Type
Description
A1
VDD
P
Power supply pin
B1
ISET
AI
Current set input
C1
CTRL
DI
Digital control input
A2
LED
AO
Current source output
B2
GND
G
Ground
C2
GNDT
G
Ground
A: Analog Pin, D: Digital Pin, G: Ground Pin, P: Power Pin, I: Input Pin, O: Output Pin
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com