Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5522TM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5522TM/NOPB
Description  Programmable LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5522TM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5522TM/NOPB Datasheet HTML 4Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 5Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 6Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 7Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 8Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 9Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 10Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 11Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Command entering
period
Blank period
Programmed sequence
CTRL
LED
To Standby
Command entering period
Blank period
Command execution
starts
CTRL
LED
Command entering period
Blank period
Command execution
starts
CTRL
LED
LP5522
SNVS488 – JUNE 2007
www.ti.com
If CTRL signal is low after command entering period, command execution starts when CTRL is pulled high. This
does not apply to Run command. With Run command CTRL must be high. Note that no rising edges are allowed
during blank period.
LED Controller Commands and Operation
There are four commands available for LP5522.
Command
Number of rising edges during command entering period
Run
One rising edge
Training start
Two rising edges
Training end
Three rising edges
Run once
Four rising edges
RUN COMMAND
One rising edge of CTRL signal within command entering period is interpreted as Run command. In programmed
mode blinking sequence is started right after Blank period and it is repeated as long as CTRL signal is kept high.
When CTRL signal is set low device goes into Standby mode.
In non-programmed mode LED is on as long as CTRL is kept high. When CTRL signal is set low device goes
into Standby mode.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com