Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3677 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3677
Description  3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3677 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3677 Datasheet HTML 17Page - Texas Instruments LM3677 Datasheet HTML 18Page - Texas Instruments LM3677 Datasheet HTML 19Page - Texas Instruments LM3677 Datasheet HTML 20Page - Texas Instruments LM3677 Datasheet HTML 21Page - Texas Instruments LM3677 Datasheet HTML 22Page - Texas Instruments LM3677 Datasheet HTML 23Page - Texas Instruments LM3677 Datasheet HTML 24Page - Texas Instruments LM3677 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
12-Nov-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
LM3677LE-1.2/NOPB
ACTIVE
USON
NGE
6
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677LE-1.5/NOPB
ACTIVE
USON
NGE
6
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677LE-1.8/NOPB
ACTIVE
USON
NGE
6
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677LE-1.82/NOPB
ACTIVE
USON
NGE
6
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677LEE-1.2/NOPB
ACTIVE
USON
NGE
6
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677LEE-1.5/NOPB
ACTIVE
USON
NGE
6
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677LEE-1.8/NOPB
ACTIVE
USON
NGE
6
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677LEE-1.82/NOPB
ACTIVE
USON
NGE
6
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677LEX-1.2/NOPB
ACTIVE
USON
NGE
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677LEX-1.5/NOPB
ACTIVE
USON
NGE
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677LEX-1.8/NOPB
ACTIVE
USON
NGE
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677LEX-1.82/NOPB
ACTIVE
USON
NGE
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM3677TL-1.2/NOPB
ACTIVE
DSBGA
YZR
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
LM3677TL-1.3/NOPB
ACTIVE
DSBGA
YZR
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
LM3677TL-1.5/NOPB
ACTIVE
DSBGA
YZR
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
LM3677TL-1.8/NOPB
ACTIVE
DSBGA
YZR
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
LM3677TL-1.82/NOPB
ACTIVE
DSBGA
YZR
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com