Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA0033 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RA0033
Description  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0033 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RA0033 Datasheet HTML 1Page - Solid States Devices, Inc RA0033 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ Unless Otherwise Specified, All Electrical Characteristics Per Leg.
2/ Unless Otherwise Specified, All Electrical Characteristics @25ºC
3/ Reverse Recovery Test Conditions: IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25
oC
4/ Higher Voltages Are Available – Contact the Factory.
*For information on curves, contact the Factory Representative for Engineering Assistance.
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA180A – SDA180G
Series
ELECTRICAL CHARACTERISTICS 1/,2/
Part
Number
Peak
Inverse
Voltage
Sine
Wave
RMS
Input
Voltage
Max.
Average DC Output
Current
TC=Case Temp
Average DC Output
Current
No Heatsink
Peak
Surge
Current
(1 Cycle)
Peak
Forward
Current
Maximum
Forward
Voltage
@ 5 A
(DC)
Maximum
Reverse
Current
Symbol
PIV
IO(DC)
IO(DC)
IFSM
IF
VF
IR @ PIV
Units
Volts 4/
Volts
Amps
Amps
Amps
Amps
µA
µA
Conditions
25oC
25oC
55oC 100oC 125oC 25oC 55oC 100oC
25oC
25oC
25oC
25oC 100oC
SDA180A
50
35
15
10
5
5
4
2.5
150
18
1.0
1
50
SDA180B
100
70
15
10
5
5
4
2.5
150
18
1.0
1
50
SDA180C
200
140
15
10
5
5
4
2.5
150
18
1.0
1
50
SDA180D
400
280
15
10
5
5
4
2.5
150
18
1.0
1
50
SDA180E
600
420
15
10
5
5
4
2.5
150
18
1.0
1
50
SDA180F
800
560
15
10
5
5
4
2.5
150
18
1.0
1
50
SDA180G
1000
700
15
10
5
5
4
2.5
150
18
1.0
1
50
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0033A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com