Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA0035 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RA0035
Description  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0035 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RA0035 Datasheet HTML 1Page - Solid States Devices, Inc RA0035 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
*For information on curves, contact the Factory
Representative for Engineering Assistance.
1/ Unless Otherwise Specified, All Electrical
Characteristics Per Leg
.2/Unless Otherwise Specified, All Electrical
Characteristics @25ºC
3/ Higher Voltages Are Available. Contact Factory.
4/ Polarity Code precedes voltage code i.e. SDA188CG
is a common cathode, 1000 V part
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA188A – SDA188G
Series
ELECTRICAL CHARACTERISTICS 1/,2/
Part # 4
Peak
Inverse
Voltage
Sine Wave
RMS Input
Voltage
Max.
Average DC Output
Current
TC=Case Temp
Peak Surge
Current
(1 Cycle)
Peak
Forward
Current
Maximum
Forward
Voltage
@ 25 A(DC)
Maximum
Reverse
Current
Symbol
PIV
IO (DC)
IFSM
IF
VF
IR @ PIV
Units
Volts 3/
Volts
Amps
Amps
Amps
Volts
µA
Conditions
55oC 100oC 125oC
25 oC 100oC
SDA188_A
50
35
50
33
16
500
200
1.05
1.0
100
SDA188_B
100
70
50
33
16
500
200
1.05
1.0
100
SDA188_C
200
140
50
33
16
500
200
1.05
1.0
100
SDA188_D
400
280
50
33
16
500
200
1.05
1.0
100
SDA188_E
600
420
50
33
16
500
200
1.05
1.0
100
SDA188_F
800
560
50
33
16
500
200
1.05
1.0
100
SDA188_G
1000
700
50
33
16
500
200
1.05
1.0
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com