Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA0048 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RA0048
Description  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0048 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RA0048 Datasheet HTML 1Page - Solid States Devices, Inc RA0048 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA167 Series
Electrical Characteristic
4/ 5/
Symbol
Min
Typ
Max
Units
Peak Reverse Voltage
(IR = 50 µΑ)
SDA167D
SDA167E
SDA167F
SDA167G
BVR
420
620
820
1020
––
––
––
––
––
––
––
––
Volts
Instantaneous Forward Voltage Drop
(300 - 500
µsec pulse)
IF = 3A
IF = 9A
VF1
––
––
1.05
1.20
Volts
Reverse Leakage Current
(Rated VR, 300 µsec pulse minimum)
IR1
––
––
10
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 µsec pulse minimum)
IR2
––
––
100
µA
Insulation Leakage
VR = 1500V
(All Terminals to Case) RINS = 100 MΩ
––
––
15
µA
NOTES:
* Pulse Test: Pulse Width = 300
µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ Rating Applies to the Total Bridge.
4/ Derate Linearly at 0.263A/ºC for TC > 55ºC.
5/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Available Part Numbers
Part Number
Document
SDA167D
70-0157-S167
SDA167E
70-0157-S167
SDA167F
70-0157-S167
SDA167G
70-0157-S167
SDA167DT
70-0157-S167-1
SDA167ET
70-0157-S167-1
SDA167FT
70-0157-S167-1
SDA167GT
70-0157-S167-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com