Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA0076 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0076
Description  SINGLE PHASE BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0076 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0076 Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0076A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information1/
SDA676 -
__ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
└ Peak Inverse Voltage
12 = 1,200V, 18 = 1,800V,
24 = 2,400V, 30 = 3,000V
36 = 3,600V, 42 = 4,200V
48 = 4,800V, 50 = 5,000V.
SDA676-12 thru SDA676-50
0.125 to 0.400 AMPS, 1,200 to 5,000 VOLTS
STANDARD RECOVERY
SINGLE PHASE BRIDGE RECTIFIER
FEATURES:
•
Miniature High Voltage Bridges
•
0.125 to 0.400 Amp Ratings
•
PIV 1,200 to 5,000 Volts
•
Reverse Recovery Time 500ns Maximum
•
Controlled Avalanche Characteristics
•
Available in Fast, Ultra Fast and Hyper Fast
Versions
•
TX, TXV, and S-Level Screening Available
•
Superior Replacement for Unitrode 676 Series
ELECTRICAL CHARACTERISTICS3/
Part Number
Peak Inverse
Voltage
(per leg)
Body
Size
Reverse
Recovery
Time
4/
Average DC Output Current
TC=Case Temp
Non-Repetitive
Sinusoidal Surge
(8.3ms)
Maximum Forward
Voltage Drop
(per leg)
Maximum Reverse
Current (per leg)
@ PIV
Symbol
PIV
Trr
IF (AV)
IFSM
VF
IR
Units
kV
ns
Amps
Amps
Volts Amps
μA
Conditions
Max
Air 25
oC
Oil 100
oC
VF
IF
25
oC
100
oC
SDA676-12
1.2
J
500
0.400
1.000
30
3.3
0.50
5
150
SDA676-18
1.8
K
500
0.350
0.850
30
4.0
0.50
5
150
SDA676-24
2.4
L
500
0.325
0.800
20
5.5
0.50
5
150
SDA676-30
3.0
M
500
0.250
0.625
20
7.7
0.50
5
150
SDA676-36
3.6
N
500
0.175
0.425
20
8.8
0.40
5
150
SDA676-42
4.2
O
500
0.150
0.375
20
9.5
0.35
5
150
SDA676-48
4.8
P
500
0.135
0.325
20
10
0.30
5
150
SDA676-50
5.0
P
500
0.125
0.300
20
10
0.25
5
150
NOTES:
1. For Ordering Information, Price, Curves,
and Availability - Contact Factory.
2. Screened to MIL-PRF-19500.
3. Unless Otherwise Specified, TA = 25ºC.
4. Recovery Conditions:
IF = 10mA, IR = 10mA, IRR = 5mA
LENGTH
.437
MAX
.30
±.03
.437 MAX
.30±.03
1.25 MIN
1.25 MIN
4x Ø.032
+
--
AC
Body Size
J
K
L
M
N
O
P
LENGTH, MAX
0.562”
0.668”
0.875”
1.125”
1.250”
1.375”
1.625”


Similar Part No. - RA0076

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0076 SSDI-RA0076_15 Datasheet
104Kb / 1P
SINGLE PHASE BRIDGE RECTIFIER
More results

Similar Description - RA0076

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com