Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1040-R15M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP1040-R15M
Description  SRP1040 Series - Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1040-R15M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP1040-R15M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1040-R15M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1040-R15M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1040-R15M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R68
12.4
(0.488)
10.7 ± 0.5
(0.421 ± 0.020)
11.8
(0.465)
MAX.
MAX.
2.2 ± 0.5
(0.087 ± 0.020)
2.9 ± 0.5
(0.114 ± 0.020)
4.5
(.177)
10.0 ± 0.5
(0.394 ± 0.020)
10.5
(0.413)
MAX.
5.4
(.213)
4.0
(.157)
MAX.
4.2
(.165)
Features
■ Shielded construction
■ Unit height of 4.2 mm
■ Inductance range: 0.15 to 15
μH
■ Current up to 34 A
■ RoHS compliant*
SRP1040 Series - Shielded Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Specifications
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
Electrical Schematic
General Specifications
Test Voltage ..................................0.25 V
Test Frequency ......................... 100 KHz
Reflow Soldering .. 230 °C; 50 sec. max.
Operating Temperature
................................-55 °C to +150 °C
(Temperature rise included)
Storage Temperature
................................-55 °C to +150 °C
Resistance to Soldering Heat
............................. +260 °C for 10 sec.
Materials
Core..................................................Iron
Wire ............................Enameled copper
Terminal ........................................ Cu/Sn
Rated Current ..... Ind. drops 20 % at Isat
Temperature Rise .....40 °C at rated Irms
Packaging....... 900 pcs. per 13-inch reel
Bourns Part No.
Inductance
L (
μH) ±20 %
I rms
(A)
I sat
(A)
DCR
(m
Ω) Max.
SRP1040-R15M
0.15
34
40
1.3
SRP1040-R20M
0.20
32
40
1.0
SRP1040-R36M
0.36
28
40
1.4
SRP1040-R39M
0.39
24
32
1.4
SRP1040-R47M
0.47
26
38
1.6
SRP1040-R50M
0.50
23
32
1.9
SRP1040-R56M
0.56
25
36
1.9
SRP1040-R68M
0.68
23
32
2.4
SRP1040-R75M
0.75
22
28
2.5
SRP1040-R80M
0.80
21
30
3.0
SRP1040-1R0M
1.0
20
28
3.5
SRP1040-1R2M
1.2
18
24
4.7
SRP1040-1R5M
1.5
15
20
7.5
SRP1040-1R7M
1.7
15
18
7.5
SRP1040-2R2M
2.2
12
17
8.6
SRP1040-2R5M
2.5
11.5
14
8.7
SRP1040-3R3M
3.3
10
14
10
SRP1040-3R9M
3.9
9.0
15
12
SRP1040-4R7M
4.7
8.0
13
14
SRP1040-5R6M
5.6
7.0
12
16
SRP1040-6R8M
6.8
6.5
11
24
SRP1040-8R2M
8.2
5.0
8.0
33
SRP1040-100M
10
5.0
9.0
35
SRP1040-150M
15
5.0
7.0
57
This series is currently available,
but not recommended for new
designs. The newer SRP1038A
series is recommended.


Similar Part No. - SRP1040-R15M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1040-R15M BOURNS-SRP1040-R15M Datasheet
333Kb / 4P
SRP1040 Series - Shielded Power Inductors
SRP1040-R15M BOURNS-SRP1040-R15M Datasheet
333Kb / 4P
Shielded Power Inductors
SRP1040-R15M BOURNS-SRP1040-R15M Datasheet
333Kb / 4P
SRP1040 Series - Shielded Power Inductors
SRP1040-R15M BOURNS-SRP1040-R15M Datasheet
467Kb / 5P
SRP1040 Series - Shielded Power Inductors
More results

Similar Description - SRP1040-R15M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
SRP1270 Series - Shielded Power Inductors
SRP1040-100M BOURNS-SRP1040-100M Datasheet
333Kb / 4P
SRP1040 Series - Shielded Power Inductors
SRP1040-220M BOURNS-SRP1040-220M Datasheet
333Kb / 4P
SRP1040 Series - Shielded Power Inductors
SRP1040 BOURNS-SRP1040 Datasheet
467Kb / 5P
SRP1040 Series - Shielded Power Inductors
SRP0312 BOURNS-SRP0312 Datasheet
222Kb / 5P
SRP0312 Series - Shielded Power Inductors
SRP1245C BOURNS-SRP1245C Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1265C BOURNS-SRP1265C Datasheet
680Kb / 5P
SRP1265C Series - Shielded Power Inductors
SRP3020C BOURNS-SRP3020C Datasheet
208Kb / 5P
SRP3020C Series ??Shielded Power Inductors
SRP0415 BOURNS-SRP0415 Datasheet
591Kb / 5P
SRP0415 Series - Shielded Power Inductors
REV. 04/21
SRP1265WA BOURNS-SRP1265WA Datasheet
696Kb / 5P
SRP1265WA Series - Shielded Power Inductors
01/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com