Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3L01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3L01
Description  TRIPLE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3L01 Datasheet(HTML) 3 Page - STMicroelectronics

  ST3L01 Datasheet HTML 1Page - STMicroelectronics ST3L01 Datasheet HTML 2Page - STMicroelectronics ST3L01 Datasheet HTML 3Page - STMicroelectronics ST3L01 Datasheet HTML 4Page - STMicroelectronics ST3L01 Datasheet HTML 5Page - STMicroelectronics ST3L01 Datasheet HTML 6Page - STMicroelectronics ST3L01 Datasheet HTML 7Page - STMicroelectronics ST3L01 Datasheet HTML 8Page - STMicroelectronics ST3L01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST3L01
3/12
TYPICAL APPLICATION CIRCUIT
Note: To improve noise figure of the 8V VREG connect this capacitor to the GND8V pin. CCC, CDD, CO1, CO2 and CO3 capacitors must be
located not more than 0.5" from the output pins of the device. Form more details about Capacitors read the "Application Hints"
ELECTRICAL CHARACTERISTICS (VCC=5V, VDD=12V, CCC=1µF (Tantalum), CDD=0.1µF (X7R),
CO1=CO2=CO3=0.11µF (X7R) Tj=0 to 125°C unless otherwise specified. Typical values are referred at
Tj=25°C, IFL1 =1.2A, IFL2 =1.0A, IFL3 =0.2A,
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO1
Output Voltage 1
IO1 = 10mA
Tj = 25°C
2.575
2.6
2.626
V
IO1 = 0 to IFL1
VCC = 4.75 to 5.25V
Tj = 0 to 125°C
2.55
2.6
2.65
VDD = 0 to 10.8V
IO1 = 0.5A
2.2
2.65
VO2
Output Voltage 2
IO2 = 10mA
Tj = 25°C
3.23
3.3
3.37
V
IO2 = 0 to IFL2
VCC = 4.75 to 5.25V
Tj = 0 to 125°C
3.2
3.3
3.4
VDD = 0 to 10.8V
IO2 = 0.5A
2.92
3.4
VO3
Output Voltage 3
IO3 = 10mA
Tj = 25°C
7.84
8
8.16
V
IO3 = 0 to IFL3
VDD = 10.8 to 13.2V
Tj = 0 to 125°C
7.76
8
8.24
∆V
O
Line Regulation 1
IO = 10mA
VCC =±5%
VDD =±10%
<0.2
%VO
∆V
O
Load Regulation 1
IO = 0.01 to IFL
(Note 1)
<0.4
%VO
VD1
Dropout Voltage 1
IO1 = IFL1
(Note 2)
1.3
1.9
V
VD2
Dropout Voltage 2
IO2 = IFL2
(Note 2)
1.13
1.4
V
VD3
Dropout Voltage 3
IO3 = IFL3
(Note 2)
1.6
2.2
V
tTR
Transient Response
(Note 3, 7)
<1
µs
IOL1
Output 1 Current Limit
∆V
O = 125mV
1.5
2.1
2.5
A
IOL2
Output 2 Current Limit
∆V
O = 165mV
1.1
1.7
2.5
A
IOL3
Output 3 Current Limit
∆V
OUT = 400mV
0.25
0.4
0.5
A
IO1
Output 1 Minimum Load
Current
(Note 4, 7)
0
mA
IO2
Output 2 Minimum Load
Current
(Note 4, 7)
0
mA
IO3
Output 3 Minimum Load
Current
(Note 4, 7)
0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com