Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB155N3H6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB155N3H6
Description  N-channel 30 V, 2.5 m , 80 A, D PAK, DPAK STripFET VI DeepGATE Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB155N3H6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB155N3H6 Datasheet HTML 2Page - STMicroelectronics STB155N3H6 Datasheet HTML 3Page - STMicroelectronics STB155N3H6 Datasheet HTML 4Page - STMicroelectronics STB155N3H6 Datasheet HTML 5Page - STMicroelectronics STB155N3H6 Datasheet HTML 6Page - STMicroelectronics STB155N3H6 Datasheet HTML 7Page - STMicroelectronics STB155N3H6 Datasheet HTML 8Page - STMicroelectronics STB155N3H6 Datasheet HTML 9Page - STMicroelectronics STB155N3H6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STB155N3H6, STD155N3H6
6/
Doc ID 018793 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
1
VDS(V)
10
(A)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
AM09149v1
ID
150
100
50
0
0
0.5
VDS(V)
1.5
(A)
1.0
200
250
5V
6V
4V
VGS=10V
AM09150v1
ID
150
100
50
0
0
2
VGS(V)
4
(A)
1
3
5
200
250
6
VDS=1V
AM09151v1
BVDSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.80
0.85
0.90
1.00
1.05
1.10
175
0.95
ID=1mA
AM09152v1
RDS(on)
2.0
1.5
1.0
0.5
0
40
ID(A)
(m
Ω)
20
60
2.5
3.0
3.5
VGS=10V
80
AM09153v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com