Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP11N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP11N65M5
Description  N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP11N65M5 Datasheet HTML 3Page - STMicroelectronics STP11N65M5 Datasheet HTML 4Page - STMicroelectronics STP11N65M5 Datasheet HTML 5Page - STMicroelectronics STP11N65M5 Datasheet HTML 6Page - STMicroelectronics STP11N65M5 Datasheet HTML 7Page - STMicroelectronics STP11N65M5 Datasheet HTML 8Page - STMicroelectronics STP11N65M5 Datasheet HTML 9Page - STMicroelectronics STP11N65M5 Datasheet HTML 10Page - STMicroelectronics STP11N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STB11N65M5, STD11N65M5, STF11N65M5, STP11N65M5, STU11N65M5
Electrical characteristics
Doc ID 022864 Rev 2
7/25
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on-resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
6
4
2
0
0
5
VDS(V)
15
(A)
10
8
6V
7V
VGS=10V
20
8V
25
16
14
12
10
AM15401v1
ID
8
6
2
0
3
6
VGS(V)
(A)
4
4
5
VDS=25V
7
8
9
10
12
14
16
AM15402v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
8
10
15
10
VDD=520V
ID=4.5A
20
12
300
200
100
0
400
500
VDS
(V)
AM15403v1
RDS(on)
0.4
0.35
0.3
0.25
0
2
ID(A)
(
Ω)
1
0.45
0.5
VGS=10V
3
4
5
6
7
8
0.55
AM15404v1
C
100
1
0.1
1
VDS(V)
(pF)
10
Ciss
Coss
Crss
10
100
1000
AM15405v1
Eoss
1
0.5
0
0
VDS(V)
(µJ)
400
1.5
200
2
2.5
600
3
3.5
AM15406v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com