Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13ATPUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STOD13ATPUR
Description  250 mA dual DC-DC converter for powering AMOLED displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13ATPUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STOD13ATPUR Datasheet HTML 9Page - STMicroelectronics STOD13ATPUR Datasheet HTML 10Page - STMicroelectronics STOD13ATPUR Datasheet HTML 11Page - STMicroelectronics STOD13ATPUR Datasheet HTML 12Page - STMicroelectronics STOD13ATPUR Datasheet HTML 13Page - STMicroelectronics STOD13ATPUR Datasheet HTML 14Page - STMicroelectronics STOD13ATPUR Datasheet HTML 15Page - STMicroelectronics STOD13ATPUR Datasheet HTML 16Page - STMicroelectronics STOD13ATPUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
STOD13A
Detailed description
Doc ID 022599 Rev 1
13/24
6
Detailed description
6.1
SWIRE
Protocol: to digitally communicate over a single cable with single-wire components
Single-wire's 3 components:
1.
an external MCU
2.
wiring and associated connectors
3.
the STOD13A device with a dedicated single-wire pin.
6.1.1
SWIRE features and benefits
Fully digital signal
No handshake needed
Protection against glitches and spikes though an internal low pass filter acting on both
rising and falling edges
Uses a single wire (plus analog ground) to accomplish both communication and power
control transmission
Simplified design with an interface protocol that supplies control and signaling over a
single-wire connection to set the output voltages.
6.1.2
SWIRE protocol
Single-wire protocol uses conventional CMOS/TTL logic levels (maximum 0.6 V for
logic “zero” and a minimum 1.2 V for logic “one”) with operation specified over a supply
voltage range of 2.5 V to 4.5 V
Both master (MCU) and slave (STOD13A) are configured to permit bit sequential data
to flow only in one direction at a time; master initiates and controls the device
Data is bit-sequential with a START bit and a STOP bit
Signal is transferred in real time
System clock is not required; each single-wire pulse is self-clocked by the oscillator
integrated in the master and is asserted valid within a frequency range of 250 kHz
(maximum).
6.1.3
SWIRE basic operations
The negative output voltage levels are selectable within a wide range (steps of 100 mV)
The device can be enabled / disabled via SWIRE in combination with the Enable pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com