Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STOD13A
Description  250 mA dual DC-DC converter for powering AMOLED displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STOD13A Datasheet HTML 8Page - STMicroelectronics STOD13A Datasheet HTML 9Page - STMicroelectronics STOD13A Datasheet HTML 10Page - STMicroelectronics STOD13A Datasheet HTML 11Page - STMicroelectronics STOD13A Datasheet HTML 12Page - STMicroelectronics STOD13A Datasheet HTML 13Page - STMicroelectronics STOD13A Datasheet HTML 14Page - STMicroelectronics STOD13A Datasheet HTML 15Page - STMicroelectronics STOD13A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Typical performance characteristics
STOD13A
12/24
Doc ID 022599 Rev 1
Figure 10.
Step-up CCM operation
Figure 11.
Inverting CCM operation
IMID = 100 mA
IO2 = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com