Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU13005N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STU13005N
Description  High voltage fast-switching NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU13005N Datasheet(HTML) 5 Page - STMicroelectronics

  STU13005N Datasheet HTML 1Page - STMicroelectronics STU13005N Datasheet HTML 2Page - STMicroelectronics STU13005N Datasheet HTML 3Page - STMicroelectronics STU13005N Datasheet HTML 4Page - STMicroelectronics STU13005N Datasheet HTML 5Page - STMicroelectronics STU13005N Datasheet HTML 6Page - STMicroelectronics STU13005N Datasheet HTML 7Page - STMicroelectronics STU13005N Datasheet HTML 8Page - STMicroelectronics STU13005N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DocID 022832 Rev 2
5/11
STU13005N
Electrical characteristics
11
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Derating curve
Figure 4. Reverse biased SOA
Figure 5. Output characteristics
Figure 6. DC current gain (VCE = 1 V)
Figure 7. DC current gain (VCE = 5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com