Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEST-1BU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TEST-1BU
Description  Test Pin PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TEST-1BU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TEST-1BU Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Test Pin
PCB
Page <1>
09/05/09 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Specifications:
Material : PBT
Finish
: Phosphor bronze gold plated.
Dimensions : Millimetres
PCB
φφ1.8 to φφ1.0
Test-1
Part Number Table
Description
Part Number
Test Pin, PCB, Red
TEST-1(R)
Test Pin, PCB, Green
TEST-1(GR)
Test Pin, PCB, Blue
TEST-1(BU)
Test Pin, PCB, Black
TEST-1(BK)
Test Pin, PCB, Yellow
TEST-1(Y)
Test Pin, PCB, White
TEST-1(W)
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. SPC Multicomp is the registered trademark of the Group. © Premier Farnell plc 2009.


Similar Part No. - TEST-1BU

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
TEST-2 MULTICOMP-TEST-2 Datasheet
133Kb / 1P
Test Pin PCB, 1mm
26/11/12 V1.0
logo
List of Unclassifed Man...
TEST-3 ETC2-TEST-3 Datasheet
129Kb / 1P
Test Pin PCB, 1mm
logo
Multicomp Pro
TEST-3 MULTICOMP-TEST-3 Datasheet
128Kb / 1P
Test Pin PCB, 1mm
V1.0 V1.0
TEST-31 MULTICOMP-TEST-31 Datasheet
118Kb / 1P
Test Pin PCB, 0.7mm
26/11/12 V1.0
More results

Similar Description - TEST-1BU

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4826 POMONA-4826 Datasheet
27Kb / 1P
Minigrabber Test Clip With Pin Jack
5413 POMONA-5413 Datasheet
25Kb / 1P
14 Pin SOIC Clip Test Clip
6107 POMONA-6107 Datasheet
39Kb / 1P
32 Pin SOIC Clip Test Clip
6109 POMONA-6109 Datasheet
38Kb / 1P
44 Pin SOIC Clip Test Clip
logo
Molex Electronics Ltd.
08-70-0060 MOLEX11-08-70-0060 Datasheet
47Kb / 1P
PCB CRIMP PIN
logo
List of Unclassifed Man...
TEST-3 ETC2-TEST-3 Datasheet
129Kb / 1P
Test Pin PCB, 1mm
logo
Pomona Electronics
5751L POMONA-5751L Datasheet
43Kb / 1P
80 Pin QFP Locking Test Clip
logo
List of Unclassifed Man...
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
Test Lead with Stackable Pin Tips
logo
Pasternack Enterprises,...
PE5TL1000 PASTERNACK-PE5TL1000 Datasheet
486Kb / 6P
RF PCB Test Probe Positioner
logo
WECO ELECTRICAL CONNECT...
970-MP WECO-970-MP Datasheet
75Kb / 1P
PCB connector Screw connection, with test holes
11.17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com