Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4945L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4945L
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4945L Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4945L Datasheet HTML 1Page - Infineon Technologies AG TLE4945L Datasheet HTML 2Page - Infineon Technologies AG TLE4945L Datasheet HTML 3Page - Infineon Technologies AG TLE4945L Datasheet HTML 4Page - Infineon Technologies AG TLE4945L Datasheet HTML 5Page - Infineon Technologies AG TLE4945L Datasheet HTML 6Page - Infineon Technologies AG TLE4945L Datasheet HTML 7Page - Infineon Technologies AG TLE4945L Datasheet HTML 8Page - Infineon Technologies AG TLE4945L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
P-SSO-3-2
PG-SSO-3-2
Data Sheet
1
2007-05
Uni- and Bipolar Hall IC Switches for
Magnetic Field Applications
TLE4905L, TLE4935L,
TLE4945L, TLE4945-2L
Features
• Digital output signal
• For unipolar and alternating magnetic fields
• Large temperature range
• Temperature compensated magnetic performance
• Protection against reversed polarity
• Output protection against electrical disturbances
Type
Marking
Package
TLE4905L
05 L
PG-SSO-3-2
TLE4935L
35 L
PG-SSO-3-2
TLE4935-2L
35 2
PG-SSO-3-2
TLE4945L
45 L
PG-SSO-3-2
TLE4945-2L
45 2
PG-SSO-3-2
TLE4905/35/45/45-2 L (Unipolar/Bipolar Magnetic Field Switches) have been designed
specifically for automotive and industrial applications. Reverse polarity protection is included on-
chip as is output protection against negative voltage transients.
Typical applications are position/proximity indicators, brushless DC motor commutation,
rotational indexing etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com