Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP910 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SNAP910
Description  900MHz High-Speed Frequency Hopping Network Access Point
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SNAP910 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SNAP910 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SNAP910 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SNAP910 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 3
©2008 by RF Monolithics, Inc.
SNAP910 - 4/10/08
DEVELOPER KIT
(Info: click here)
Specifications
RF Frequency
902MHz to 927MHz
Radio Certification
Certified under FCC Part 15.247, license free
Operating Range
Indoor: 1000’ outdoor: >20 miles with omni-directional antenna
Radio Network Topology
Star network
Radio Network Protocol
Dynamically assigned TDMA with ARQ
Configuration Interface
Asynchronous (RS-232) up to 115.2 Kbps
I/O Data Rate
10 Mbps Ethernet to the SNAP, 115.2Kbps to each radio
RF Data Rate
172.8Kbps
# of Frequency Channels
54
RF Bandwidth
460 KHz
Transmit Power Output
10 mW, 100 mW or 500mW, software selectable
Receiver Sensitivity
-103 dBm for 10-5 BER
Supply voltage
9vdc
Power consumption
4.5W
Size (mm)
201 x 144 x 53
Weight
727g
Case Material
Ruggedized aluminum
Operating Temperature
-300C to 700C
Humidity
20% to 90% (non-condensing)
Designed for use as a base station for WIT910-based products, the SNAP910 provides seamless Ethernet
connectivity for remote serial devices. The SNAP910 connects up to 15 WIT910 wireless remotes to a 10/
100Base-T Ethernet network. The SNAP910 also is ideal for use as access points for a network of RFM HN-
91 Series modems. Multiple SNAPs can be co-located to support larger numbers of remote devices. Certified
by the FCC, the SNAP910 can be used license-free in the US.
900MHz
High-Speed
Frequency
Hopping
Network Access
Point
SNAP910
Features:
• 900 MHz frequency hopping spread
spectrum technology
• Serial-to-Ethernet conversion
• Seamless roaming capability
• 172.8Kbps data rate throughput
• 20+ mile range with omni anntenna
• FCC certified
Benefits:
• License-free operation
• Immunity to jamming and multipath
fading
• Allows non-Ethernet devices to connect
to Ethernet network
• Supports far-ranging mobile
applications
• Shortens time to market
• Simple installation
SNAP910


Similar Part No. - SNAP910

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-AIARMS E-OEC-SNAP-AIARMS Datasheet
1Mb / 46P
SNAP Analog Input Modules
SNAP-AICTD E-OEC-SNAP-AICTD Datasheet
1Mb / 46P
SNAP Analog Input Modules
SNAP-AICTD-4 E-OEC-SNAP-AICTD-4 Datasheet
1Mb / 46P
SNAP Analog Input Modules
SNAP-AICTD-8 E-OEC-SNAP-AICTD-8 Datasheet
1Mb / 46P
SNAP Analog Input Modules
SNAP-AIMA E-OEC-SNAP-AIMA Datasheet
1Mb / 46P
SNAP Analog Input Modules
More results

Similar Description - SNAP910

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36356A-APDK INTERSIL-ISL36356A-APDK Datasheet
150Kb / 7P
PRISM 11Mbps Wireless Local Area Network Access Point
February 2003
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
PRISM 54Mbps Wireless Local Area Network Access Point
August 2003
logo
RF Monolithics, Inc
WIT910 RFM-WIT910 Datasheet
58Kb / 3P
900MHz Frequency Hopping Transceiver OEM Module
logo
Murata Manufacturing Co...
HN-291 MURATA-HN-291 Datasheet
92Kb / 3P
900MHz Frequency Hopping Wireless Data Modem
HN-291X MURATA-HN-291X Datasheet
92Kb / 3P
900MHz Frequency Hopping Wireless Data Modem
HN-591 MURATA-HN-591 Datasheet
64Kb / 3P
900MHz Frequency Hopping Wireless Data Modem
SNAP2410 MURATA-SNAP2410 Datasheet
114Kb / 3P
2.4GHz High-Speed Frequency Hopping Network Access Point
logo
List of Unclassifed Man...
TRW-V4S-900 ETC2-TRW-V4S-900 Datasheet
770Kb / 11P
900MHz Frequency-Hopping Spread Spectrum RF Module
logo
Weidmuller
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com