Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP29 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # TIP29
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP29 Datasheet(HTML) 2 Page - Savantic, Inc.

  TIP29 Datasheet HTML 1Page - Savantic, Inc. TIP29 Datasheet HTML 2Page - Savantic, Inc. TIP29 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
TIP29/29A/29B/29C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP29
40
TIP29A
60
TIP29B
80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP29C
IC=30mA; IB=0
100
V
VCE(sat)
Collector-emitter saturation voltage
IC=1A; IB=0.125A
0.7
V
VBE
Base-emitter on voltage
IC=1A ; VCE=4V
1.3
V
TIP29
VCE=40V; VEB=0
TIP29A
VCE=60V; VEB=0
TIP29B
VCE=80V; VEB=0
ICES
Collector
cut-off current
TIP29C
VCE=100V; VEB=0
0.2
mA
TIP29/29A
VCE=30V; IB=0
ICEO
Collector
cut-off current
TIP29B/29C
VCE=60V; IB=0
0.3
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=0.2A ; VCE=4V
40
hFE-2
DC current gain
IC=1A ; VCE=4V
15
75
fT
Transition frequency
IC=0.2A ; VCE=10V;f=1MHz
3
MHz
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
4.167
/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com