Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 1 Page - Texas Instruments

  LP8501 Datasheet HTML 1Page - Texas Instruments LP8501 Datasheet HTML 2Page - Texas Instruments LP8501 Datasheet HTML 3Page - Texas Instruments LP8501 Datasheet HTML 4Page - Texas Instruments LP8501 Datasheet HTML 5Page - Texas Instruments LP8501 Datasheet HTML 6Page - Texas Instruments LP8501 Datasheet HTML 7Page - Texas Instruments LP8501 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP8501
www.ti.com
SNVS548B – SEPTEMBER 2008 – REVISED NOVEMBER 2008
LP8501 PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
Check for Samples: LP8501
1
FEATURES
•
Automatic power save mode; IVDD = 10 µA
(typ.)
2
•
Three independent program execution engines
•
Two wire, I2C-compatible, control interface
for user defined programs with large SRAM
memory for storing lighting programs
•
Small application circuit
•
9 programmable source (high side) driver
•
Pin-configured LED powering for LEDs 1 to 6
outputs with 25.5 mA full-scale current, 8-bit
and for LEDs 7 to 9
current setting resolution and 12-bit PWM
•
Solution area <18 mm2
control resolution
•
Flexible grouping possibility for all 9 outputs
APPLICATIONS
including GPO into three groups with group
•
Fun lights and indicator lights
PWM and Fade in/ Fade out controls
•
LED backlighting and color keypad lighting
•
Built-in LED test
•
Programmable current source
•
Adaptive charge pump with 1x and 1.5x gain
•
Haptic feedback driver and GPIO expander
provides up to 95% LED drive efficiency and
with soft start and overcurrent/short circuit
protection
DESCRIPTION
The LP8501 is a LED driver with 9 outputs, designed to produce versatile lighting effects for mobile devices. The
device is equipped with an internal program memory, which allows operation without processor control. Internal
program memory is used by three independent program execution engines to produce user defined lighting
effects for the outputs.
A high-efficiency charge pump enables LED driving over full Li-Ion battery voltage range. The excellent efficiency
over a wide operating range is achieved by autonomously selecting the best charge pump gain based on LED
forward voltage requirements. LP8501 is able to automatically enter power-save mode when LED outputs are not
active, thus lowering idle current consumption down to 10 µA (typ.)
The device has a flexible General Purpose Output (GPO), which can be used for example as a digital control pin
for other devices. INT pin (interrupt function), which can be used to notify processor. Trigger input interface,
which allows program execution start without I2C write.
The device requires only four small and low-cost ceramic capacitors. The LP8501 is available in a tiny 25–bump
2.27 mm x 2.27 mm x 0.60 mm micro SMD package (0.4 mm pitch).
Notice: This document is not a full datasheet. For more information regarding this product or to order
samples,
please
contact
your
local
National
Semiconductor
sales
office
or
visit
http://www.national.com/support/dir.html
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP8501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8501 NSC-LP8501 Datasheet
120Kb / 2P
Multi-Purpose 9-Output LED Driver
logo
Texas Instruments
LP8501 TI1-LP8501 Datasheet
2Mb / 51P
LP8501 Multi-Purpose 9-Output LED Driver
LP8501TME/NOPB TI1-LP8501TME/NOPB Datasheet
2Mb / 51P
LP8501 Multi-Purpose 9-Output LED Driver
LP8501TMX/NOPB TI1-LP8501TMX/NOPB Datasheet
2Mb / 51P
LP8501 Multi-Purpose 9-Output LED Driver
More results

Similar Description - LP8501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8501 NSC-LP8501 Datasheet
120Kb / 2P
Multi-Purpose 9-Output LED Driver
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
logo
Texas Instruments
LP8501 TI1-LP8501 Datasheet
2Mb / 51P
LP8501 Multi-Purpose 9-Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com