Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB84VB2001 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB84VB2001
Description  8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB84VB2001 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB84VB2001 Datasheet HTML 1Page - fujitsu semiconductor MB84VB2001 Datasheet HTML 2Page - fujitsu semiconductor MB84VB2001 Datasheet HTML 3Page - fujitsu semiconductor MB84VB2001 Datasheet HTML 4Page - fujitsu semiconductor MB84VB2001 Datasheet HTML 5Page - fujitsu semiconductor MB84VB2001 Datasheet HTML 6Page - fujitsu semiconductor MB84VB2001 Datasheet HTML 7Page - fujitsu semiconductor MB84VB2001 Datasheet HTML 8Page - fujitsu semiconductor MB84VB2001 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
MB84VB2000-10/MB84VB2001-10
s CONNECTION DIAGRAM
(Top View)
A
B
CDE
F
G
H
6N.C.
VSS
DQ1
A1
A2
A4
N.C.
A9
5A10
DQ5
DQ2
A0
A3
A7
RY/BY
A14
4OE
DQ7
DQ4
DQ0
A6
A18
RESET
A15
3A11
A8
A5
DQ8
DQ3
DQ12
A12
BYTE
2A13
A17
CE2
CE1
DQ10
VCC
DQ6
DQ15/A-1
1WE
N.C.
A16
VSS
DQ9
DQ11
DQ13
DQ14
Table 1 MB84VB2000/MB84VB2001 Pin Configuration
Pin
Function
Input/
Output
A-1, A0 to A18
Address Inputs (Common)
I
DQ0 to DQ15
Data Inputs/Outputs (Common)
I/O
CE1
Chip Enable 1
I
CE2
Chip Enable 2
I
OE
Output Enable (Common)
I
WE
Write Enable (Common)
I
RY/BY
Ready/Busy Outputs (Common)
O
RESET
Hardware Reset Pin/Sector Protection Unlock (Common)
I
BYTE
Selects 8-bit or 16-bit mode (Common)
I
N.C.
No Internal Connection
—
VSS
Device Ground (Common)
Power
VCC
Device Power Supply (Common)
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com