Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-7617 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # PPC-7617
Description  High Performance Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PPC-7617 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  PPC-7617 Datasheet HTML 1Page - Protech Systems Co., Ltd. PPC-7617 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Performance Panel PC
PPC-7615 / PPC-7617 / PPC-7619
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Dec. 2012.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Dec. 2012.
PROTECH SYSTEMS
It's the right choice
Front View
Rear View
Side View
PPC-7615
PPC-7617 / 7619
PPC-7615
PPC-7617
PPC-7619
376.4 (19") / 338 (17") / 307.1(15")
360
360 (17"/ 19")
497 (19") / 452 (17") / 402.8 (15")
407.2 (17") / 435.4 (19")
88.65
10
91.25
10
17.7
28.2
30.8
66
83.7
CPU Type
Intel® Core™ Duo / Core™ solo / Core™ 2 Duo /
Celeron® M
Chipset
Intel® 945GME + ICH7R + FWH (FSB: 533/667MHz)
Memory Support 2 x 200pin DDR II SO-DIMM, up to 4GB
Front Bezel
Stainless steel
IP65
Yes (for front panel only)
Power Supply
ATX 180W power supply
O.S. Support
Windows 7 / XP / XPE
Dimension
PPC-7015: 403 x 303 x 84 mm (15.87" x 11.93" x 3.31")
PPC-7017: 452 x 366 x 89 mm (17.8" x 14.4" x 3.5")
System Weight
PPC-7015: 7.3 kg (16.09lb)
PPC-7017: 9.5 kg (20.94lb)
VESA Mounting
Support
75 mm / 100 mm VESA bracket (optional)
FCC / CE / UL
USB
4 x USB 2.0
Keyboard / Mouse 2 x PS/2 port
Audio
Line-in / Line-out / Mic in
Serial Port
4 x COM port (COM 1/3/4 for RS232, COM 2 for
RS232 / 422 / 485, COM 3/4 support +5V,
+12V selectable)
LAN
1 x LAN (10/100/1000 Mbps) (Intel® PC82573V)
VGA
1 x VGA
Drive Bay
2 x 2.5" SATA HDD, 1 x IDE CF slot on board,
1 x slim CD-ROM (optional)
Expansion Slots
2 x PCI slot (optional), 1 x mini PCI slot
LCD
PPC-7015: AUO 15" XGA TFT LCD
PPC-7017: AUO 17" SXGA TFT LCD
Touch Screen
(ELO) 5W Analog resistive (USB interface)
Operation Temp.
0° ~ 40°C (32° ~ 104°F)
Storage Temp.
- 20° ~ 60 °C (- 4° ~ 140°F)
Humidity
20% ~ 90%
Certificate
SP-7615RZ-CR1
Slim SATA CD-ROM drive (with drive bay)
SP-7615RZ-DR2
Slim SATA DVD R/W drive (with drive bay)
SP-7615RZ-CR0
Slim SATA CD-ROM drive bay only
SP-7615RZ-RC1
Riser card for 2 PCI slots
SP-7915RZ-WL1
Wireless LAN module
SP-7615RA-A0B
15" Intel® Core™ Duo / Core™ solo / Core™ 2 Duo /
Celeron® M CPU + 945GM + ICH7R panel PC,
w/AUO 15" 1024 x 768 LCD / 5-Wire ELO touch /
180W AC power supply
SP-7615RA-A0B
17" Intel® Core™ Duo / Core™ solo / Core™ 2 Duo /
Celeron® M CPU + 945GM + ICH7R panel PC,
w/AUO 17" 1280 x 1024 LCD / 5-Wire ELO touch /
180W AC power supply
System
Specification
Systems



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com