Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-7917F Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # PPC-7917F
Description  Fanless and Low Power Atom N270 Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PPC-7917F Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  PPC-7917F Datasheet HTML 1Page - Protech Systems Co., Ltd. PPC-7917F Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fanless and Low Power Atom N270 Panel PC
PPC-7915F / PPC-7917F / PPC-7919F
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2010.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2010.
PROTECH SYSTEMS
It's the right choice
Intel
® Atom N270 CPU on board
Intel
® 945GSE + ICH7M
1 x 200-Pin DDRII SO-DIMM, up to 2GB
Stainless Steel
YES
IP65 (front panel)
HD Codec
DC 24Vin 100W power supply (optional
power adaptor)
Windows 7 / XP / XPE
VESA standard
15": 403mm x 303mm x 83.7 mm
17": 452mm x 366mm x 89 mm
19": 497mm x 420mm x 91.25 mm
15": 6.6Kg / 17": 8.8Kg / 19": 10.8Kg
CE, FCC
4 x USB2.0
2 x PS/2 Port
1 x Line in, 1 x Line out, 1 x MIC in
4 x COM port (all COM ports support +5V or
+12V), COM 2 for RS232/422/485 selectable
1 x Parallel Port
8 in / 8 out
2 x LAN (10/100/1000 Mbps)
1 x VGA
1 x 2.5" SATA HDD, 1 x IDE CF slot on
board, 1 x slim SATA CD-ROM (optional)
2 x PCI slot (optional), 1 x mini PCI
System
CPU Support
Chipset
Memory Support
Front Bezel
Open Frame
Waterproof Level
Sound
Power Supply
O.S. Support
Wall Mount Type
Dimension (W x H x D)
System Weight
Certificate
I/O Ports
USB
KB / Mouse
Audio
Serial Port
Parallel Port
Digital I/O
LAN
VGA
Drive Bays
Expansion Slots
Specification
Systems
15" (XGA) / 17" (SXGA) / 19" (SXGA)
ELO 5W Analog resistive (USB interface)
1024 x 768 (15") / 1280 x 1024 (17", 19")
0.297 x 0.297 (15") / 0.264 x 0.264 (17") /
0.294 x 0.294 (19")
350 cd/m (15") / 380 cd/m (17") / 300 cd/m (19")
0 ~ 40 C (32 ~104 F)
-20 ~ 60 C (-4 ~140 F)
20% ~ 90%
Display
LCD
Touch Screen
Max. Resolution
Pixel Pitch
Brightness
Environment
Operating Temp.
Storage Temp.
Humidity
2
22
2
2
2
Front View
Rear View
Side View
PPC-7919F
PPC-7917F / 7919F
PPC-7915F
PPC-7917F
PPC-7915F
360
360 (17"/ 19")
371
407.2 (17") / 435.4 (19")
88.65
10
91.25
10
28.2
30.8
376.4 (19") / 338 (17") / 307.1 (15")
497 (19") / 452 (17") / 402.8 (15")
17.7
83.7
23.2
15" Fanless Intel
® ATOM (N270) CPU +
945GSE Panel PC, w/ 15" 1024 x 768 LCD /
5-Wire ELO Touch / 24V 100W DC Power
17" Fanless Intel
® ATOM (N270) CPU +
945GSE Panel PC, w/ 17" 1280 x 1024 LCD /
5-Wire ELO Touch
19" Fanless Intel
® ATOM (N270) CPU +
945GSE Panel PC, w/ 19" 1280 x 1024 LCD /
5-Wire ELO Touch
24Vdc output power adaptor
Wireless LAN module
Slim SATA CD-ROM drive (with drive bay)
Slim SATA Combo drive (with drive bay)
Slim SATA CD-ROM drive bay only
Riser card for 2 PCI slots
Ordering Information
PPC-7915F
PPC-7917F
PPC-7919F
52-002-02861001
PPC7915-WirelessLan-KIT
PPC7615-CDROM-KIT
PPC7615-DVDROM-KIT
PPC7615-CDROM-BRACKET
PPC7615-2PCI-KIT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com