Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB-828LF Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # PSB-828LF
Description  Expansion Slot for 1 x Mini PCIe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PSB-828LF Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  PSB-828LF Datasheet HTML 1Page - Protech Systems Co., Ltd. PSB-828LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intel® Atom™ Dual Core D525 Processor with
1MB L2 Cache
Intel® Atom™ Single Core N455 Processor
with 512K L2 Cache
N455 (1.66GHz) / D525 (1.80GHz)
2 x 204Pin DDR3 SO-DIMM to support
800MHz up to 4GB
AMI BIOS
1~255 secs Watchdog timer selectable
Support AT/ATX Power
+5V, +12V, -12V
+5V : 5A , +12V : 5.12A
338.5mm x 122mm (13.33" x 4.8")
FCC / CE
Intel ® AtomTM N455 / D525 PICMG1.0 w/ VGA / LVDS /
Audio / 2LAN
PSB-828LF
PSB-828LF
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2011.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2011.
Specifications
System
CPU Support
CPU Frequency
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
Certificate
I/O Chipset
SATA Interface
SSD
Expansion BUS
TPM
Serial Port
Parallel Port
Keyboard
Mouse
System
CPU Support
CPU Frequency
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
Certificate
I/O Chipset
SATA Interface
SSD
Expansion BUS
TPM
Serial Port
Parallel Port
Keyboard
Mouse
LAN1: Intel® 82567V (10/100/1000 Mbps)
LAN2: Realtek RTL8111D (10/100/1000 Mbps)
Support Wake-on-LAN with ATX power
HD Audio, Realtek ALC888S
6 x USB 2.0
0°~60°C (32°~140°F)
-40°~85°C (-40°~185°F)
Operation humidity 20~90%,
Storage humidity 20~95%
Built-in N455 / D525 processor, share system
memory; Supports VGA, LVDS (18bit)
18 bit LVDS
PICMG 1.0 Intel® Atom™ N455 Full size CPU Card
w/ VGA / LVDS / 2LAN
PICMG 1.0 Intel® Atom™ D525 Full size CPU Card
w/ VGA / LVDS / 2LAN
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
PSB-828LF-N455
PSB-828LF-D525
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
PSB-828LF-N455
PSB-828LF-D525
3 x S-ATA II connector
1 x Compact Flash slot (IDE)
1 x Mini PCIe
1 x TPM pin header on board
2 x COM port, COM 1 for RS-232, COM 2
for RS-232/422/485
1 x Parallel Port (SPP / EPP / ECP)
Mini DIN connector or external connector
Mini DIN connector (selectable W / KB) or Y-cable
Intel
N455/D525
Intel
ICH8M
1
JP3
1
JP2
JP1
1
3
Battery
1
J3
2
8
7
J1
1
2
30
29
JP9
1
3
1
6
J2
JATX_PWR1
1
6
5
10
J6
1
3
2
JP7
5
6
1
JP17
1
3
1
CPU_FAN1
DIMM 1
DIMM 2
SATA1
1
7
SATA2
1
7
SATA3
1
7
1
JUSB1
5
6
10
1
JUSB2
5
6
10
1
JUSB3
5
6
10
BZ1
1
JP13
1
JPANEL1
2
12
11
1
AUDIO1
2
10
9
JP11
1
3
JP14
1
3
2
JP16
5
6
1
2
JP15
5
6
1
1
JP12
2
10
1
JSFAN1
SIO
1
SYSTEM_FAN1
1
6
5
10
COM2
1
6
5
10
COM1
1
13
26
14
LPT1
1
J4
2
19
20
1
9
2
10
LAN2
1
9
2
10
LAN1
VGA1
1
EXKB1
5
2
JP10
5
6
1
1
DIN1
1
JP8
2
3
4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com