Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C390PC Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # C390PC
Description  SCR 850A RMS UP TO 1300 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

C390PC Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  C390PC Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. C390PC Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - C390PC

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
C390PC POWEREX-C390PC Datasheet
231Kb / 6P
Phase Control SCR 450 Amperes Average 500-1300 Volts
More results

Similar Description - C390PC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR08BT1 MOTOROLA-MCR08BT1 Datasheet
294Kb / 6P
SCR 0.8 AMPERE RMS 200 thru 600 Volts
logo
Powerex Power Semicondu...
C180A POWEREX-C180A Datasheet
220Kb / 4P
Phase Control SCR 150 Amperes Avg 100-1300 Volts
C380A POWEREX-C380A Datasheet
254Kb / 6P
Phase Control SCR 250 Amperes Avg 100-1300 Volts
C380DX555 POWEREX-C380DX555 Datasheet
944Kb / 4P
Phase Control SCR 300 Amoeres Average 1300 Volts
C390E POWEREX-C390E Datasheet
231Kb / 6P
Phase Control SCR 450 Amperes Average 500-1300 Volts
C430 POWEREX-C430 Datasheet
898Kb / 6P
Phase Control SCR 680 Amperes Avg 500-1300 Volts
C430EX555 POWEREX-C430EX555 Datasheet
291Kb / 6P
Phase Control SCR 760 Amperes Avg 500-1300 Volts
PA4306 POWEREX-PA4306 Datasheet
103Kb / 5P
POW-R-BLOK AC Switch SCR Isolated Module (1330 Amps RMS, Up to 2400 Volts)
PA4307 POWEREX-PA4307 Datasheet
102Kb / 5P
POW-R-BLOK AC Switch SCR Isolated Module (1550 Amps RMS, Up to 1800 Volts)
logo
New Jersey Semi-Conduct...
2N2322 NJSEMI-2N2322 Datasheet
168Kb / 1P
1.6A RMS UP TO 400 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com