Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3596 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3596
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3596 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3596 Datasheet HTML 17Page - Linear Technology LT3596 Datasheet HTML 18Page - Linear Technology LT3596 Datasheet HTML 19Page - Linear Technology LT3596 Datasheet HTML 20Page - Linear Technology LT3596 Datasheet HTML 21Page - Linear Technology LT3596 Datasheet HTML 22Page - Linear Technology LT3596 Datasheet HTML 23Page - Linear Technology LT3596 Datasheet HTML 24Page - Linear Technology LT3596 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT3791-1
21
37911fa
For more information www.linear.com/LT3791-1
Efficiency Considerations
The power efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Although all dissipative
elements in circuits produce losses, four main sources
account for most of the losses in LT3791-1 circuits:
1. DC I2R losses. These arise from the resistances of the
MOSFETs, sensing resistor, inductor and PC board
traces and cause the efficiency to drop at high output
currents.
2. Transition loss. This loss arises from the brief amount
of time switch M1 or switch M3 spends in the saturated
region during switch node transitions. It depends upon
the input voltage, load current, driver strength and
MOSFET capacitance, among other factors. The loss
is significant at input voltages above 20V and can be
estimated from:
Transition Loss ≈ 2.7 • VIN2 • IOUT • CRSS • f
where CRSS is the reverse-transfer capacitance.
3. INTVCC current. This is the sum of the MOSFET driver
and control currents.
4. CIN and COUT loss. The input capacitor has the difficult
job of filtering the large RMS input current to the regu-
lator in buck operation. The output capacitor has the
difficult job of filtering the large RMS output current
in boost operation. Both CIN and COUT are required to
have low ESR to minimize the AC I2R loss and sufficient
capacitance to prevent the RMS current from causing
additional upstream losses in fuses or batteries.
5. Other losses. Schottky diode D3 and D4 are respon-
sible for conduction losses during dead time and light
load conduction periods. Inductor core loss occurs
predominately at light loads. Switch M3 causes reverse
recovery current loss in boost operation.
When making adjustments to improve efficiency, the input
current is the best indicator of changes in efficiency. If you
make a change and the input current decreases, then the
efficiency has increased. If there is no change in the input
current, then there is no change in efficiency.
PC Board Layout Checklist
The basic PC board layout requires a dedicated ground
plane layer. Also, for high current, a multilayer board
provides heat sinking for power components.
n
ThePGNDgroundplanelayershouldnothaveanytraces
and it should be as close as possible to the layer with
power MOSFETs.
n
Place CIN,switchM1,switchM2andD1inonecompact
area. Place COUT, switch M3, switch M4 and D2 in one
compact area.
n
Use immediate vias to connect the components (in-
cluding the LT3791-1’s SGND and PGND pins) to the
ground plane. Use several large vias for each power
component.
n
Use planes for VIN and VOUT to maintain good voltage
filtering and to keep power losses low.
n
Floodallunusedareasonalllayerswithcopper.Flooding
with copper will reduce the temperature rise of power
components. Connect the copper areas to any DC net
(VIN or PGND).
n
Separatethesignalandpowergrounds.Allsmall-signal
componentsshouldreturntotheSGNDpinatonepoint,
which is then tied to the PGND pin close to the sources
of switch M2 and switch M3.
n
Place switch M2 and switch M3 as close to the control-
ler as possible, keeping the PGND, BG and SW traces
short.
n
Keep the high dV/dT SW1, SW2, BST1, BST2, TG1 and
TG2 nodes away from sensitive small-signal nodes.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com