Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0028 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0028
Description  CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0028 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0028 Datasheet HTML 1Page - Solid States Devices, Inc RC0028 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
Electrical Characteristics (per leg)
SYMBOL
UNITS
VF
VALUE
SDR656CTM & Z
CASE OUTLINE: TO-254
PIN 1: ANODE 1
PIN 2: CATHODE
PIN 3: ANODE 2
CASE OUTLINE: TO-254Z
PIN 1: ANODE 1
PIN 2: CATHODE
PIN 3: ANODE 2
Reverse Leakage Current
(Rated VR, TA = 25
oC, 300
µs pulse minimum )
IR
mA
5
50
µµµµµΑ
Α
Α
Α
Α
IR
Reverse Leakage Current
(Rated VR, TA = 100
oC, 300
µs pulse minimum )
Instantaneous Forward Voltage Drop
(IF = 10A TA = 25
oC, 300
µsec pulse )
(IF = 20A TA = 25
oC, 300
µsec pulse )
1.35
1.55
VDC
VDC
VF
Instantaneous Forward Voltage Drop
(IF = 10A TA = 100
oC, 300
µsec pulse )
(IF = 10A TA = -55
oC, 300
µsec pulse )
1.25
1.45
VDC
VDC
CJ
pf
50
Junction Capacitance
(VR = 10VDC, TA = 25
oC, f = 1MHz)
Reverse Recovery Time
(TA= 25
oC, IF = 0.5A, IR = 1.0A, IRR = 0.25A)
TRR
30
nsec
TYPICAL OPERATING CURVES
TA= 25
oC Unless otherwise specified
0
20
40
60
80
100
0
50
100
150
200
110oC
CASE TEMPERATURE (oC)
0.001
0.01
0.1
1
10
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FORWARD VOLTAGE
(Volts)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com