Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0065 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0065
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0065 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0065 Datasheet HTML 1Page - Solid States Devices, Inc RC0065 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
Electrical Characteristics
SYMBOL
UNITS
VF3
VF4
MAXIMUM
SDR1510JUF & S.5UF
SDR1512JUF & S.5UF
IR1
IR2
µµµµµA
µµµµµA
50
750
Reverse Leakage Current
(80% of Rated VR, 300µs pulse min.)
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300
µsec Pulse )
1.50
1.60
VDC
VF1
VF2
Instantaneous Forward Voltage Drop
(IF = 10A, 300µsec pulse )
1.40
1.60
CJ
pF
70
Junction Capacitance
(VR = 10VDC, TA = 25
oC, f = 1MHz)
CASE OUTLINE: TO-257 (Sufix J)
MINIMUM
--
--
--
--
--
--
--
IF = 10 A
IF = 15 A
TA = 25
oC
TC = 100
oC
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
VDC
TA = 100
oC
TA = -55
oC
tRR
nsec
75
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA, TA = 25
oC)
--
OPTIONAL LEAD BEND CONFIGURATION
SUFIX JUB
PIN ASSIGNMENT
PIN 2
PIN 3
Anode
Anode
PIN 1
FUNCTION
CODE
Anode
Anode
Cathode
Cathode
Rectifier
Rectifier
J
SUFIX JDB
S.5
SMD.5 (Sufix S.5)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com