Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0067 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0067
Description  DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0067 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0067 Datasheet HTML 1Page - Solid States Devices, Inc RC0067 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
FEATURES:
DO-17
SILICON
TUNNEL
DIODE
1N4394 and 1N4394A
1N4395 and 1N4395A
• Hermetically Sealed Axial Lead Package
• Weldable Gold Plated Kovar Leads
• Temperature Stability, Uniformity, and
• Available in 5% ('A') or 10% Tolerance on Peak Point
Current
• Silicon Tunnel Diode Construction
• Meets Requirements of MIL-PRF-19500
• TX, TXV, and Space Level Screening Available
• Surface Mount Devices Available
1.30
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RC0067A
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SOLID STATE DEVICES, INC.
Maximum Ratings
0.5
1.0
2.5
5.0
1.0
2.0
mA
IR
mA
µµµµµA/oC
SYMBOL
UNITS
VALUE
IF
TSLDR
250
Maximum Forward Current
(TC = 25
oC)
Derate Above TC = 25
oC
Maximum Soldering Temperature
L = 1/4", t = 10sec
Maximum Reverse Current
oC
oC
-65 TO +200
TSTG
Storage Temperature
1N4394, A
1N4395, A
1N4394, A
1N4395, A
1N4394, A
1N4395, A


Similar Part No. - RC0067

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0067 SSDI-RC0067_15 Datasheet
26Kb / 2P
SILICON TUNNEL DIODE
More results

Similar Description - RC0067

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com