Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0090 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0090
Description  Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0090 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0090 Datasheet HTML 1Page - Solid States Devices, Inc RC0090 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR3006 Series
Electrical Characteristic
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300 – 500 µsec Pulse)
IF = 15A
IF = 30 A
VF1
VF2
––
1.20
1.40
VDC
Instantaneous Forward Voltage Drop
(IF = 15A, 300 – 500 µsec Pulse)
TA = -55 ºC
TA = 100 ºC
VF3
VF4
––
1.30
1.10
VDC
Reverse Leakage Current
(100% of rated VR, 300 µs pulse min.)
TA = 25 ºC
TA = 100 ºC
IR1
IR2
––
––
25
2000
µA
Reverse Recovery Time
(IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC)
tRR
––
80
(typ 65)
nsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
––
120
(typ 85)
pF
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
Available Part Numbers:
SDR3004M, SDR3004Z
SDR3005M, SDR3005Z
SDR3006M, SDR3006Z
PIN ASSIGNMENT
PACKAGE
Pin 1
Pin 2
Pin 3
TO-254 (M)
Cathode
Anode
Anode
TO-254Z (Z)
Cathode
Anode
Anode
TO-254:
TO-254Z:
PIN 1
PIN 3
PIN 2
PIN 1
PIN 2
PIN 3
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0090A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com