Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0095 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0095
Description  Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0095 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0095 Datasheet HTML 1Page - Solid States Devices, Inc RC0095 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SHA2952TX
Electrical Characteristic, per leg
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(IF = 15A, Pulse)
TA = 25 ºC
VF1
––
1.25
VDC
Instantaneous Forward Voltage Drop
(IF = 15A, Pulse)
TA = 125 ºC
VF2
––
1.15
VDC
Reverse Leakage Current
(100% of rated VR, Pulse)
TA = 25 ºC
TA = 100 ºC
IR1
IR2
––
––
50
10
µA
m
Α
Reverse Recovery Time
(IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC)
tRR
––
35
nsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
––
80
pF
NOTES: 1/
For Ordering Information, Price, and Availability Contact Factory.
Available Part Numbers:
SHA2952TX
PIN ASSIGNMENT
PACKAGE
Pin 1
Pin 2
Case
TO-3
Anode 1
Anode 2
Cathode
TO-3:
1.197
1.177
Ø.875 MAX
2x .043
.038
.675
.655
.525 MAX
.135
MAX
.440
.420
2x .225
.205
.450
.250
2x .312
MIN
2x Ø.165
.151
2x R.188 MAX
1
SEATING PLANE
2
1
1
NOTES:
THIS DIMENSION SHALL BE MEASURED
AT POINTS .050 - .055" BELOW THE
SEATING PLANE. WHEN GAGE IS NOT
USED, MEASUREMENT WILL BE MADE AT
SEATING PLANE.
THIS OUTLINE DOES NOT MEET THE
MINIMUM CRITERIA ESTABLISHED
BY JS-10 FOR REGISTRATION.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0095B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com