Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0096F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0096F
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0096F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0096F Datasheet HTML 1Page - Solid States Devices, Inc RC0096F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0096F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR2HF ___ ___ ___
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
___ = Axial
SMS = Surface Mount Square Tab
Family/Voltage
1.8 = 1800 V
2.0 = 2000 V
SDR2HF1.8 and SMS
SDR2HF2.0 and SMS
2 AMPS
1800 - 2000 VOLTS
35 nsec
HYPER FAST RECOVERY
RECTIFIER
FEATURES:
Hyper Fast Recovery: 35 nsec maximum
PIV to 2400 Volts
Low Reverse Leakage Current
Hermetically Sealed
Low Thermal Resistance
Low trr Change at High Temperature
(typical: trr = 55ns @ 100ºC)
TX, TXV, and Space Level Screening Available.
2/
Contact Factory.
Fast Recovery Versions Available.
Contact Factory.
Single Junction Construction
Replaces 1N6512 and 1N6513 in many applications.
MAXIMUM RATINGS
Symbol
Value
Units
Reverse Voltage
SDR2HF1.8 & SMS
SDR2HF2.0 & SMS
VRRM
VRWM
VR
1800
2000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA=25ºC, L= 0”)
IO
2
Amps
Peak Surge Current
(1 ms Pulse, Square Wave, Allow Junction to Reach Equilibrium
between Pulses, TA=25ºC, L=.125”)
IFSM
16
Amps
Temperature Range
Operating
Storage
TOP
Tstg
-65 to +175
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Lead, L = 0.125” (Axial Lead)
Junction to End Tab (Surface Mount)
RθJL
RθJE
11
7
ºC/W
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flow Available on Request.
Axial
Surface Mount
Square Tab (SMS)


Similar Part No. - RC0096F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0096F SSDI-RC0096F_15 Datasheet
112Kb / 2P
HYPER FAST RECOVERY RECTIFIER
More results

Similar Description - RC0096F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com