Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0108D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0108D
Description  HYPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0108D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0108D Datasheet HTML 1Page - Solid States Devices, Inc RC0108D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0108D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Voltage/Family
5807 = 50V
5809 = 100V
5811 = 150V
SPD5807 thru SPD5811
SPD5807SMS thru SPD5811SMS
6.0 AMPS
50 ─ 150 VOLTS
40 ns HYPERFAST RECOVERY
RECTIFIER
FEATURES:
Hyper Fast Reverse Recovery: 40ns Maximum
4/
PIV to 150 Volts (Voltages Up To 300V Available)
Hermetically Sealed
Low Forward Voltage Drop
Void Free Chip Construction
For High Efficiency Applications
Available in Axial & Square Tab Versions
TX, TXV, and S-Level Screening Available
2/
Replacement for: 1N5807, US thru 1N5811, US
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
And DC Blocking Voltage
SPD5807
SPD5809
SPD5811
VRRM
VRWM
VR
50
100
150
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 25°C )
IO
6.0
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave, superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
125
Amps
Operating & Storage Temperature
TJ and TSTG
-65 to +175
°C
Thermal Resistance
Junction to Lead for Axial, L =.375"
Junction to End Tab for Surface Mount
RθJL
RθJE
20
12
°C/W
NOTES:
1/ For ordering Information, price, operating curves, and availability- Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C.
Axial Leaded
SMS


Similar Part No. - RC0108D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0108D SSDI-RC0108D_15 Datasheet
119Kb / 2P
HYPERFAST RECOVERY RECTIFIER
More results

Similar Description - RC0108D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N7066 SSDI-1N7066_1 Datasheet
167Kb / 2P
HYPERFAST RECOVERY RECTIFIER
SPD605 SSDI-SPD605_1 Datasheet
153Kb / 2P
HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR15A12 YENYO-HFR15A12 Datasheet
787Kb / 2P
Hyperfast Recovery Rectifier
HFR30A12 YENYO-HFR30A12 Datasheet
745Kb / 2P
Hyperfast Recovery Rectifier
HFR30A12P YENYO-HFR30A12P Datasheet
753Kb / 2P
Hyperfast Recovery Rectifier
HFR60A06PD YENYO-HFR60A06PD Datasheet
1,011Kb / 3P
Hyperfast Recovery Rectifier
logo
Solid States Devices, I...
RC0107B SSDI-RC0107B Datasheet
213Kb / 2P
HYPERFAST RECOVERY RECTIFIER
RH0087F SSDI-RH0087F Datasheet
153Kb / 2P
HYPERFAST RECOVERY RECTIFIER
RC0107B SSDI-RC0107B_15 Datasheet
213Kb / 2P
HYPERFAST RECOVERY RECTIFIER
RH0087F SSDI-RH0087F_15 Datasheet
153Kb / 2P
HYPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com