Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0109B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0109B
Description  STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0109B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0109B Datasheet HTML 1Page - Solid States Devices, Inc RC0109B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD645-1 thru SPD649-1
and
SPD645-1SMS thru SPD649-1SMS
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Minimum Breakdown Voltage
(100μA)
645-1
646-1
647-1
648-1
649-1
BV
275
360
480
600
720
Volts
Maximum Forward Voltage Drop
(IF = 400mA)
VF
1.0
Volts
Maximum Reverse Leakage Current
(Rated VR, TA = +25°C)
IR1
200
nA
Maximum Reverse Leakage Current
(Rated VR, TA =+100°C)
645-1
646-1
647-1
648-1
649-1
IR2
15
15
20
20
25
μA
Typical Junction Capacitance
( -12 V)
CO
9
pF
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Package Outlines:
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
Minimum
Maximum
DIM.
Minimum
Maximum
A
.060
.090
A
.098
.102
B
.120
.200
B
.170
.250
C
1.00
---
C
.022
.028
D
.018
.022
D
.002
---
AXIAL
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0109B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com