Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3DPFP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DPFP Datasheet(HTML) 1 Page - Texas Instruments

  TSB41BA3DPFP Datasheet HTML 1Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 2Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 3Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 4Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 5Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 6Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 7Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 8Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1
FEATURES
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
2345
• Fully Supports Provisions of IEEE 1394b-2002
• Data Interface to Link-Layer Controller
at S100, S100B, S200, S200B, S400, and S400B
Terminal-Selectable From 1394a-2000 Mode
Signaling Rates (B Signifies IEEE 1394b
(2/4/8 Parallel Bits at 49.152 MHz) or 1394b
Signaling)
Mode (Eight Parallel Bits at 98.304 MHz)
• Fully Supports Provisions of IEEE 1394a-2000
• Interoperable With Link-Layer Controllers
and 1394-1995 Standards for
Using 3.3-V Supplies
High-Performance Serial Bus
• Interoperable With Other 1394 Physical Layers
• Fully Interoperable With Firewire™, DTVLink,
(PHYs) Using 1.8-V, 3.3-V, and 5-V Supplies
SB1394, DishWire, and i.LINK™
• Low-Cost 49.152-MHz Crystal Provides
Implementation of IEEE Std 1394
Transmit and Receive Data at 100/200/400
• Provides Three Fully Backward-Compatible,
Mbps and Link-Layer Controller Clock at
(1394a-2000 Fully Compliant) Bilingual 1394b
49.152 MHz and 98.304 MHz
Cable Ports at 400 Megabits per Second
• Separate Bias (TPBIAS) for Each Port
(Mbps)
• Low-Cost, High-Performance 80-Terminal
• Same Three Fully Backward-Compatible Ports
TQFP (PFP) Thermally Enhanced Package
Are 1394a-2000 Fully Compliant Cable Ports at
• Software Device Reset (SWR)
100/200/400 Mbps
• Fail-Safe Circuitry Senses Sudden Loss of
• Full 1394a-2000 Support Includes:
Power to the Device and Disables the Ports to
–
Connection Debounce
Ensure That the TSB41BA3D Does Not Load
–
Arbitrated Short Reset
the TPBIAS of Any Connected Device and
Blocks Any Leakage From the Port Back to
–
Multispeed Concatenation
Power Plane
–
Arbitration Acceleration
• 1394a-2000-Compliant, Common-Mode Noise
–
Fly-By Concatenation
Filter on the Incoming Bias Detect Circuit to
–
Port Disable/Suspend/Resume
Filter Out Crosstalk Noise
–
Extended Resume Signaling for
• Cable/Transceiver Hardware Speed and Port
Compatibility With Legacy DV Devices
Mode Are Selectable by Terminal States
• Power-Down Features to Conserve Energy in
• Supports Connection to CAT5 Cable
Battery-Powered Applications
Transceiver by Allowing Ports to be Forced to
• Low-Power Automotive Sleep Mode Support
Beta-Only, 400-Mbps-Only, 200-Mbps-Only or
• Fully Compliant With Open Host Controller
100-Mbps-Only
Interface (OHCI) Requirements
• Supports Connection to S200 Plastic Optical
• Cable Power Presence Monitoring
Fiber Transceivers by Allowing Ports to be
Forced to 1394b Beta-Only, S200-Mbps-Only,
• Cable Ports Monitor Line Conditions for Active
and S100-Mbps-Only
Connection to Remote Node
• Optical Signal Detect Input for All Ports in
• Register Bits Give Software Control of
Beta Mode Enables Connection to Optical
Contender Bit, Power Class Bits, Link Active
Transceivers
Control Bit, and 1394a-2000 Features
• Supports Use of 1394a Connectors by
• Interface to Link-Layer Controller Supports
Allowing Ports 1 and 2 to Be Forced to
Low-Cost TI Bus-Holder Isolation
1394a-Only Mode
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
Firewire is a trademark of Apple Computer, Inc.
4
i.LINK is a trademark of Sony Kabushiki Kaisha TA Sony Corporation.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSB41BA3DPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41BA3DPFP TI-TSB41BA3DPFP Datasheet
875Kb / 59P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41BA3DPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
799Kb / 68P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com