Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB2IPAP Datasheet(PDF) 38 Page - Texas Instruments

Part # TSB41AB2IPAP
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB2IPAP Datasheet(HTML) 38 Page - Texas Instruments

Back Button TSB41AB2IPAP Datasheet HTML 34Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 35Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 36Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 37Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 38Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 39Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 40Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 41Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
receive (continued)
It is possible for the PHY to receive a null packet, which consists of the data-prefix state on the serial bus followed
by the data-end state, without any packet data. A null packet is transmitted whenever the packet speed exceeds
the capability of the receiving PHY, or whenever the LLC immediately releases the bus without transmitting any
data. In this case, the PHY asserts receive on the CTL terminals with the data-on indication (all 1s) on the D
terminals, followed by idle on the CTL terminals, without any speed code or data being transferred. In all cases,
the TSB41AB2 sends at least one data-on indication before sending the speed code or terminating the receive
operation.
The TSB41AB2 also transfers its own self-ID packet, transmitted during the self-ID phase of bus initialization,
to the LLC. This packet is transferred to the LLC just as any other received self-ID packet. Figure 18 is the
reception timing diagram for normal packets, and Figure 19 is the reception timing diagram for null packets.
00
00
10
00
01
XX
dn
d0
SPD
(1)
(5)
(4)
(2)
(3)
FF (Data-On)
D0–D7
CTL0, CTL1
SYSCLK
Figure 18. Normal Packet Reception Timing
The sequence of events for a normal packet reception is as follows:
1.
Receive operation initiated. The PHY indicates a receive operation by asserting receive on the CTL lines.
Normally, the interface is Idle until receive is asserted. However, the receive operation may interrupt a status
transfer operation that is in progress so that the CTL lines may change from status to receive without an
intervening idle.
2.
Data-on indication. The PHY asserts the data-on indication code on the D lines for one or more cycles
preceding the speed code.
3.
Speed code. The PHY indicates the speed of the received packet by asserting a speed code on the D lines
for one cycle immediately preceding packet data. The link decodes the speed code on the first receive cycle
for which the D lines are not the data-on code. If the speed code is invalid, or indicates a speed higher than
that which the link is capable of handling, the link should ignore the subsequent data.
4.
Receive data. Following the data-on indication (if any) and the speed code, the PHY asserts packet data
on the D lines with receive on the CTL lines for the remainder of the receive operation.
5.
Receive operation terminated. The PHY terminates the receive operation by asserting idle on the CTL lines.
The PHY asserts at least one cycle of idle following a receive operation.
00
00
10
00
01
XX
(1)
(2)
(3)
FF (Data-On)
D0–D7
CTL0, CTL1
SYSCLK
Figure 19. Null Packet Reception Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com